Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CINT1175A4806K01 Datasheet(PDF) 4 Page - SL Power Electronics

Part # CINT1175A4806K01
Description  A highly dense 175Watts AC to DC power supply designed for industrial and ITE applications.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1175A4806K01 Datasheet(HTML) 4 Page - SL Power Electronics

  CINT1175A4806K01 Datasheet HTML 1Page - SL Power Electronics CINT1175A4806K01 Datasheet HTML 2Page - SL Power Electronics CINT1175A4806K01 Datasheet HTML 3Page - SL Power Electronics CINT1175A4806K01 Datasheet HTML 4Page - SL Power Electronics CINT1175A4806K01 Datasheet HTML 5Page - SL Power Electronics CINT1175A4806K01 Datasheet HTML 6Page - SL Power Electronics CINT1175A4806K01 Datasheet HTML 7Page - SL Power Electronics CINT1175A4806K01 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CINT1175
175W Single Output
Industrial Series
www.slpower.com
CINT1175 REV 5.4, 17-DEC-12
4
Connector Information
Input Connector
J100
Ground
J101
DC Output Connector
J300
Fan Output Connector
J500
Signal Connector
J600
PIN 1) AC LINE
PIN 2) EMPTY
PIN 3) AC NEUTRAL
0.25” FASTON TAB
PIN 1) +Vout PIN 4) -Vout
PIN 2) +Vout PIN 5) -Vout
PIN 3) +Vout PIN 6) -Vout
PIN 1) +12Vfan
PIN 2) RTN
PIN 1) Inhibit
PIN 2) PF/DC OK
PIN 3, 4) Common
Mating Connector:
Molex 09-50-3031
Pins= 08-52-0072
Mating Connector:
Molex 01-90020009
Mating Connector:
AMP 640250-6
Pins = 640252-1
Mating Connector:
Molex 1375820-2
Pins = 1375819
Mating Connector:
Molex 1375820-4
Pins = 1375819
Fan Output – J500
J500 provides a 12V@0.4mA output to support a system cooling fan. The fan output is always available when AC input is
present, so it also can be used for a 12V standby output is so desired.
AC Power Failure/DC OK and Inhibit Signals – J600
Timing Sequence


Similar Part No. - CINT1175A4806K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1175A4806K01 SLPOWER-CINT1175A4806K01 Datasheet
1Mb / 8P
   175W Single Output Industrial Series
CINT1175A4806K01 SLPOWER-CINT1175A4806K01 Datasheet
1Mb / 8P
   175W Single Output Industrial Series
More results

Similar Description - CINT1175A4806K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1275 SLPOWER-CINT1275 Datasheet
719Kb / 9P
   A Superior performance 275 Watts AC to DC power supply designed for industrial and ITE applications.
logo
Arch Electronics Corp.
MQF500E ARCH-MQF500E_18 Datasheet
294Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF240U ARCH-MQF240U_18 Datasheet
386Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF500U ARCH-MQF500U_18 Datasheet
335Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF240O ARCH-MQF240O_18 Datasheet
344Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF500O ARCH-MQF500O_18 Datasheet
332Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF240E ARCH-MQF240E_18 Datasheet
313Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
logo
Power-One
FCP600-48 POWER-ONE-FCP600-48 Datasheet
164Kb / 6P
   highly-efficient ac-dc power supply
logo
ULTRA LEVEL TECH CO., L...
RL0402 ULC-RL0402 Datasheet
373Kb / 3P
   AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
RL0402D ULC-RL0402D Datasheet
460Kb / 3P
   AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com