Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CINT1275A1214K01 Datasheet(PDF) 6 Page - SL Power Electronics

Part # CINT1275A1214K01
Description  A Superior performance 275 Watts AC to DC power supply designed for industrial and ITE applications.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1275A1214K01 Datasheet(HTML) 6 Page - SL Power Electronics

  CINT1275A1214K01 Datasheet HTML 1Page - SL Power Electronics CINT1275A1214K01 Datasheet HTML 2Page - SL Power Electronics CINT1275A1214K01 Datasheet HTML 3Page - SL Power Electronics CINT1275A1214K01 Datasheet HTML 4Page - SL Power Electronics CINT1275A1214K01 Datasheet HTML 5Page - SL Power Electronics CINT1275A1214K01 Datasheet HTML 6Page - SL Power Electronics CINT1275A1214K01 Datasheet HTML 7Page - SL Power Electronics CINT1275A1214K01 Datasheet HTML 8Page - SL Power Electronics CINT1275A1214K01 Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CINT1275
275W Single Output
Industrial Series
www.slpower.com
CINT1275 REV 1.2 15-JAN-13
6
Output Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage Setpoint Accuracy
CINT1275A1214K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
CINT1275A1514K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
CINT1275A2414K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
CINT1275A4814K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
CINT1275A5614K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Current V1
Output Current V2
CINT1275A1214K01
0
0
15.0
-
21.83
1.0
ADC
ADC
Output Current V1
Output Current V2
CINT1275A1514K01
0
0
12.0
-
17.47
1.0
ADC
ADC
Output Current V1
Output Current V2
CINT1275A2414K01
0
0
7.5
-
10.92
1.0
ADC
ADC
Output Current V1
Output Current V2
CINT1275A4814K01
0
0
3.75
-
5.46
1.0
ADC
ADC
Output Current V1
Output Current V2
CINT1275A5614K01
0
0
3.21
-
4.68
1.0
ADC
ADC
Static Line Regulation V1
Vi min-Vi max, Vi nom, 0-100% Io nom
-1
-
1
% Vo nom
Static Load Regulation V1
(Droop Characteristic)
Vi min-Vi max, Vi nom, 0-100% Io nom
-3
-
3
% Vo nom
Hold-Up Time
Starting at Vi = 230 VAC, Po nom
-
16
-
ms
Dynamic Load Regulation
Load change =50%, di/dt =0.2A/μS
voltage deviation 3%
0
3
% Vo nom
Start-Up Time
Vi nom, Io nom
0
-
2
s
Protection
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Fuse
Not user accessible
Input Transient Protection
2KV(CM) and 1KV(DM) surge
2
KV (CM)
Output
No-load and short circuit proof
Hiccup
short circuit proof
Hiccup
overload (latch style)
Hiccup
Overvoltage Protection
Latch style
Latch
Over temperature Protection
Automatic power shutdown at TC =135°C


Similar Part No. - CINT1275A1214K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1275A1214K01 SLPOWER-CINT1275A1214K01 Datasheet
2Mb / 9P
   Up to 275W of AC-DC Power
More results

Similar Description - CINT1275A1214K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1175 SLPOWER-CINT1175 Datasheet
649Kb / 8P
   A highly dense 175Watts AC to DC power supply designed for industrial and ITE applications.
logo
Tumbler Technologies + ...
TMC300 TRUMPOWER-TMC300 Datasheet
367Kb / 3P
   300 Watts AC/DC Medical and ITE Grade Power Supplies
logo
Arch Electronics Corp.
MQF500E ARCH-MQF500E_18 Datasheet
294Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF240U ARCH-MQF240U_18 Datasheet
386Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF500U ARCH-MQF500U_18 Datasheet
335Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF240O ARCH-MQF240O_18 Datasheet
344Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF500O ARCH-MQF500O_18 Datasheet
332Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
MQF240E ARCH-MQF240E_18 Datasheet
313Kb / 5P
   AC-DC ITE & Medical Switching Power Supply
logo
Tumbler Technologies + ...
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
   400 Watts AC/DC Medical & ITE Power Supplies
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
   200 Watts AC/DC Medical & ITE Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com