Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1935W-A-DI-A-1311-SA-05-B Datasheet(PDF) 2 Page - Emcore Corporation

Part # 1935W-A-DI-A-1311-SA-05-B
Description  Coaxial DFB Laser Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1935W-A-DI-A-1311-SA-05-B Datasheet(HTML) 2 Page - Emcore Corporation

  1935W-A-DI-A-1311-SA-05-B Datasheet HTML 1Page - Emcore Corporation 1935W-A-DI-A-1311-SA-05-B Datasheet HTML 2Page - Emcore Corporation 1935W-A-DI-A-1311-SA-05-B Datasheet HTML 3Page - Emcore Corporation 1935W-A-DI-A-1311-SA-05-B Datasheet HTML 4Page - Emcore Corporation 1935W-A-DI-A-1311-SA-05-B Datasheet HTML 5Page - Emcore Corporation 1935W-A-DI-A-1311-SA-05-B Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATASHEET | AUGUST 2012
FIBER OPTICS
| REV 2012.08
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Absolute Maximum Ratings1
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the
operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability.
Parameters
Symbol
Condition/Notes
Min
Max
Unit
Storage Temperature
TSTG
Non-Operating
-40
85
oC
Operating Case Temperature
TOP
Continuous
-40
85
oC
Laser Diode Forward Current
IOP
CW
-
150
mA
Laser Diode Reverse Voltage
VR
Continuous
-
1.0
V
Photodiode Forward Current
IMPD
Continuous
-
2
mA
Photodiode Reverse Voltage
VMPD,R
Continuous
-
10
V
Average RF Input Power
PIN
60 Seconds
-
62
dBmV
Lead Soldering Temperature/Time
-
-
-
260/10
oC/sec
Relative Humidity
RH
Continuous
-
85
%
ESD
-
Human Body Model
-500
+500
V
1. Absolute maximum data are limited to system design only; proper device performance is not guaranteed over rating
listed above. Operation beyond these maximum conditions may degrade device performance, lead to device failure,
shorter lifetime, and will invalidate the device warranty.
Electrical/Optical Characteristics
Parameters
Symbol
Conditions/Notes
Min
Typ
Max
Unit
Optical Output Power
PO
3 dBm Version
5 dBm Version
6 dBm Version
9 dBm Version
10 dBm Version
3
5
6
9
10
-
-
-
-
-
4.9
5.9
8.9
9.9
11.9
dBm
Threshold Current
ITH
Tcase = 25ºC
Tcase = 45ºC
-
-
8
13
15
20
mA
Laser Bias Current
IOP
-
-
80
mA
Forward Voltage
VF
Iop
-
1.17
1.8
V
Slope Efficiency
SE
Tcase = 25ºC, Iop
0.07
-
0.3
mW/mA
Thermal Slope Efficiency
TSE
SE(Tc)/SE(25ºC)
Tcase = -20ºC to 85ºC
0.4
-
1.2
-
Laser Input Impedance
Z
-
2
4
8

MPD Current
IMPD
VMPD = 5V, Iop
50
-
2000
A
MPD Dark Current
ID
VMPD = 5V, Iop = 0
Tcase = 25ºC
-
-
50
nA
Relative Intensity Noise
RIN
CW, Iop, Tcase = 25ºC
5 MHz - 1002 MHz
-
-
-150
dB/Hz
1935 F/R/W Coaxial DFB Laser Diode
O-Band CWDM 5 MHz – 4000 MHz


Similar Part No. - 1935W-A-DI-A-1311-SA-05-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1935 ETC2-1935 Datasheet
297Kb / 1P
   SPACERS , STANDOFFS
logo
Alpha Wire
1935/3 ALPHAWIRE-1935/3 Datasheet
98Kb / 4P
   Customer Specification
12/12/2022
logo
List of Unclassifed Man...
19350 ETC2-19350 Datasheet
1Mb / 4P
   Calibration Unit for Testers Installation, Operation and Maintenance
logo
Belden Inc.
19350 BELDEN-19350 Datasheet
147Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
19350-008250 BELDEN-19350-008250 Datasheet
147Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
More results

Similar Description - 1935W-A-DI-A-1311-SA-05-B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1933F EMCORE-1933F_12 Datasheet
480Kb / 6P
   Coaxial DFB Laser Diode
1933F-A-A-FA-03-B EMCORE-1933F-A-A-FA-03-B Datasheet
156Kb / 7P
   1310 nm CATV Coaxial DFB Laser Diode
1935FRW EMCORE-1935FRW Datasheet
504Kb / 6P
   1935 F/R/W Coaxial DFB Laser Diode
1955FRW EMCORE-1955FRW Datasheet
505Kb / 6P
   1955 F/R/W Coaxial DFB Laser Diode
1933FRW EMCORE-1933FRW Datasheet
485Kb / 6P
   1933 F/R/W Coaxial DFB Laser Diode
logo
Roithner LaserTechnik G...
RLT1310-30MGS ROITHNER-RLT1310-30MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
RLT1550-20MGS ROITHNER-RLT1550-20MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
RLT1310-20MGS ROITHNER-RLT1310-20MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
logo
California Eastern Labs
NX8601BF-AA CEL-NX8601BF-AA Datasheet
482Kb / 5P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com