Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFA3037-EC-E-2 Datasheet(PDF) 2 Page - Emcore Corporation

Part # MAFA3037-EC-E-2
Description  Erbium Doped Fiber Micro Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA3037-EC-E-2 Datasheet(HTML) 2 Page - Emcore Corporation

  MAFA3037-EC-E-2 Datasheet HTML 1Page - Emcore Corporation MAFA3037-EC-E-2 Datasheet HTML 2Page - Emcore Corporation MAFA3037-EC-E-2 Datasheet HTML 3Page - Emcore Corporation MAFA3037-EC-E-2 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DATASHEET | AUGUST 2012
FIBER OPTICS
| REV 2012.08
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Optical/Electrical Characteristics1
Property
Unit
Limit
Models
Comments
3037
3030
3032
3033
3035
3037
Operating Input
Power
Pin (dBm)
Max
12
12
12
12
12
12
Operating Input
Power
Pin (dBm)
Min
-10
-10
-10
-10
-10
-10
Typical
(May vary for some models)
Output Power
Po(dBm)
Nominal
27.0
30.0
32.0
35.0
35.0
37.0
Note 2
Noise Figure
NF (dB)
Typ/Max
5.5/6.0
5.5/6.0
5.5/6.0
5.5/6.0
5.5/6.0
5.5/6.0
(Notes 3)
Static Gain
Flatness
ΔGs (dB)
Max
+/-2.0
+/-2.0
+/-2.0
+/-2.0
+/-2.0
+/-2.0
(Notes 4)
Dynamic Gain
Flatness
ΔGd (dB)
Max
+/-2.5
+/-2.5
+/-2.5
+/-2.5
+/-3.0
+/-3.0
(Notes 5)
Output Power
Stability
(dB)
Max
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/-0.2
(Note 6)
Power
Consumption
(Steady state)
Psys(W)
Max
20
12
28
18
35
25
45
35
48
38
55
45
70
oC Case (Premium)
55
oC (Economy)
Remnant Pump
Power to Output
Prp(dBm)
Nom
< -30
< -30
< -30
< -30
< -30
< -30
Notes:
1. Unless stated otherwise, all specifications apply over the full operating temperature and humidity ranges
2. Depending on the fiber optic patchcord interface the measured value can vary up to 0.5 dB from the actual value.
3. Measured with input optical signal with Pin ≈ 0 dBm and
 ≈ 1550 nm @ 25C. May vary for some models.
4. Measured with a swept Probe Signal (Pp), where Pp ≈ 0 dBm @ 25
C. May vary for some models.
5. Measured with a swept Probe Signal (Pp), and a fixed Tone Signal (Pt) @ ~ 1550 nm; (Pt ≈ Pp+20 dB; Pt + Pp ≈ 0 dBm)
@ 25
C
6. Over polarization and specified temperature range.
7. Premium version – MAFA (with cooled pumps).
Economy version – MAFA (with uncooled pumps).
General and Mechanical Specifications
Property
Requirement
Comments
Operating Wavelength
1545 nm ~ 1562 nm
Standard
Operating Case Temperature
-40
C to 75C
-10
C to 65C
Premium
Economy
Storage Temperature
-40
C to 85C
Operating Humidity
20% to 85%
Non-condensing
+5.0V +/-5%
All versions
Voltage Supply Range
+24V +/-5%
All versions
(efficiency: 75% for MAFA 3030; 90% for MAFA 3037)
Optical Connectors
SC/APC; FC/APC; E2000/APC
User Specified (for MAFA 3032, MAFA 3033, MAFA 3035 and
MAFA 3037, if used separately, only special high power
patchcord is absolutely recommended)
Dimensions (in)
9.5”W x 6.7”D x 1.5”H
MAFA 3030 to MAFA 3037
Unit height depends on heatsink used
MAFA 3000 Series EDFA


Similar Part No. - MAFA3037-EC-E-2

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA3037-EC-E-2 EMCORE-MAFA3037-EC-E-2 Datasheet
328Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
More results

Similar Description - MAFA3037-EC-E-2

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2100-PA EMCORE-MAFA-2100-PA Datasheet
383Kb / 3P
   Erbium Doped Fiber Micro PreAmplifier
MAFA-1000 EMCORE-MAFA-1000 Datasheet
533Kb / 5P
   MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com