Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OT-CC-16F-XXX Datasheet(PDF) 3 Page - Emcore Corporation

Part # OT-CC-16F-XXX
Description  CWDM Wideband Optical Link
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

OT-CC-16F-XXX Datasheet(HTML) 3 Page - Emcore Corporation

  OT-CC-16F-XXX Datasheet HTML 1Page - Emcore Corporation OT-CC-16F-XXX Datasheet HTML 2Page - Emcore Corporation OT-CC-16F-XXX Datasheet HTML 3Page - Emcore Corporation OT-CC-16F-XXX Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SATCOM
DATASHEET | DECEMBER 2012
© 2012 EMCORE Corporation
| REV 2012.12
626-293-3400
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
OTS-1LC
CWDM Wideband Optical Link
Ordering Information
Product Code
Specifications
OTS-1LCT/S5-XX03-SA-IC
Transmitter, 50-3000 MHz, SMA 50 ohm, CWDM Channel XX, 3dBm (min), SC/APC
OTS-1LCT/B5-XX03-SA-IC
Transmitter, 50-3000 MHz, BNC 50 ohm, CWDM Channel XX, 3dBm (min), SC/APC
OTS-1LCT/B7-XX03-SA-IC
Transmitter, 50-2500 MHz, BNC 75 ohm, CWDM Channel XX, 3dBm (min), SC/APC
OTS-1LR/S5-SA-IC
Receiver, 50-3000 MHz, SMA 50 ohm, SC/APC
OTS-1LR/B5-SA-IC
Receiver, 50-3000 MHz, BNC 50 ohm, SC/APC
OTS-1LR/B7-SA-IC
Receiver, 50-2500 MHz, BNC 75 ohm, SC/APC
OPV-CTLR-IC
NMS SNMP Controller Card & MIB for Optiva Family
OTP-1ETR-A2/A2
Optical Tcvr, 1Ch, Ethernet, SM, Dual LC
OT-CC-16F-XXX
Chassis, Rack Mount, 16 Slot, 3RU -- See OT-CC-16F data sheet for exact models
PS-200-XX
Power Supply, 12 Vdc, 100 to 240 Vac, 50/60 Hz -- See PS-200F data sheet for exact models
OT-CC-6-1U
Chassis, Rack Mount, 6 Slot, 1RU -- See OT-CC-6 data sheet for exact models
OT-DTCR-1 / OT-DTCR-2
Chassis, flange-mount, w/ Power Supply, 1 slot / 2 slot
Center Wavelengths
Channel
nm
47
1470
49
1490
51
1510
53
1530 - Wavelength compatible with DWDM and can be passed thru an EDFA
55
1550 - Wavelength compatible with DWDM and can be passed thru an EDFA
57
1570
59
1590
61
1610


Similar Part No. - OT-CC-16F-XXX

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OT-CC-16F-XXX EMCORE-OT-CC-16F-XXX Datasheet
936Kb / 3P
   Wideband Optical Link
OT-CC-16F-XXX EMCORE-OT-CC-16F-XXX Datasheet
1,023Kb / 4P
   DWDM Wideband Optical Link
More results

Similar Description - OT-CC-16F-XXX

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTS-1L EMCORE-OTS-1L Datasheet
154Kb / 2P
   Wideband Optical Link
OTS-1L EMCORE-OTS-1L_12 Datasheet
936Kb / 3P
   Wideband Optical Link
OTS-1LD EMCORE-OTS-1LD Datasheet
1,023Kb / 4P
   DWDM Wideband Optical Link
logo
OPLINK Communications I...
S0313-TRPV3GKERX000XXG OPLINK-S0313-TRPV3GKERX000XXG Datasheet
284Kb / 6P
   CWDM Optical Transceiver
logo
JDS Uniphase Corporatio...
MDX-02ADCB1AA JDSU-MDX-02ADCB1AA Datasheet
127Kb / 4P
   Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
JDS Uniphase Corporatio...
MDX-02ADCU1AA JDSU-MDX-02ADCU1AA Datasheet
195Kb / 4P
   Outside Plant CWDM Optical Drop Module
logo
Hamamatsu Corporation
L9534 HAMAMATSU-L9534 Datasheet
102Kb / 2P
   Red LED for optical link Red LED for 125 Mbps optical link
S7141-10 HAMAMATSU-S7141-10 Datasheet
71Kb / 2P
   Photo IC for optical link
L8045 HAMAMATSU-L8045 Datasheet
101Kb / 2P
   Red LED for optical link
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com