Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPV-CTLR-IC Datasheet(PDF) 2 Page - Emcore Corporation

Part # OPV-CTLR-IC
Description  CWDM Wideband Optical Link
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

OPV-CTLR-IC Datasheet(HTML) 2 Page - Emcore Corporation

  OPV-CTLR-IC Datasheet HTML 1Page - Emcore Corporation OPV-CTLR-IC Datasheet HTML 2Page - Emcore Corporation OPV-CTLR-IC Datasheet HTML 3Page - Emcore Corporation OPV-CTLR-IC Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SATCOM
DATASHEET | DECEMBER 2012
© 2012 EMCORE Corporation
| REV 2012.12
626-293-3400
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
Performance Highlights
Typical S21
2 dB per division
3.0 GHz
.05 GHz
3.5 GHz
OTS-1L (TX & RX)
5.06 in.
128 mm
3 RU
TX
RX
Enclosure Options
OTS-1LC
CWDM Wideband Optical Link
1. Wider RF inputs are acceptable, but will set the RF amp gain to its limit.
2. Link RF Gain
dB = TG + RG – 2*FiberLossdBo
(assumes Rin = Rout)
3. dBmo & dBo indicate optical power & loss to minimize confusion with RF dBm & dB
Parameter
Min
Typical
Max
Units
Link
Frequency Range
50 Ohm
75 Ohm
50
50
-
-
3000
2500
MHz
MHz
Fiber Distance
0
-
20
Km
Optical Loss
0
-
8
dBo
Air Temperature
-10
-
50
˚C
TX
RF Input within SGC range1
-
0 to -35
-
dBm
TX Gain (TG) at max, 1 GHz2
0
8
-
dB (W/A)
TG Adjustment Range (reduction from max)
30
-
-
dB
Noise Figure (TG at max, 2150 MHz, 1dBo loss)
Noise Figure (TG at min, 2150 MHz, 1dBo loss)
19
40
13
35
--
--
dB
Input IP3
-5
dBm
Spur Free Dynamic Range (1dBo loss)
100
103-108
-
dB/Hz²/³
Wavelengths (See center Wavelength table for specific
channel center)
1470
-
1610
nm
Input Return Loss
50 - 200 MHz
950 - 2150 MHz
50 MHz - 3000 MHz
-
-
-
10
12
10
-
-
-
dB
LNB Voltage
Current
16
-
17
-
19
350
V
mA
Optical Power
3
4
5
dBmo
DC Power
LNB Off
-
-
12
-
-
350
V
mA
RX
RF Output (Tx at peak, 1 dBmo into Rx)
-
-8 to -25
-
dBm
RX Gain (RG), at max, 1 GHz2
20
22
-
dB (A/W)
RG Adjustment Range (reduction from max)
30
-
-
dB
Output IP3 (2150 MHz)
20
25
-
dBm
Output 1dB compression (2150 MHz)
-
15
-
dBm
Receiver Sensitivity
-
-20
-
dBmo
Output Return Loss
50 - 200 MHz
950 - 2150 MHz
50 MHz - 3000 MHz
10
15
-
-
-
dB
Optical Input
Optimal
-12
-6
-
-
10
10
dBmo
dBmo
OT-CC-16F
OT-CC-6
OT-DTCR-2
OT-DTCR-1


Similar Part No. - OPV-CTLR-IC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OPV-CTLR-IC EMCORE-OPV-CTLR-IC Datasheet
936Kb / 3P
   Wideband Optical Link
OPV-CTLR-IC EMCORE-OPV-CTLR-IC Datasheet
1,023Kb / 4P
   DWDM Wideband Optical Link
More results

Similar Description - OPV-CTLR-IC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTS-1L EMCORE-OTS-1L Datasheet
154Kb / 2P
   Wideband Optical Link
OTS-1L EMCORE-OTS-1L_12 Datasheet
936Kb / 3P
   Wideband Optical Link
OTS-1LD EMCORE-OTS-1LD Datasheet
1,023Kb / 4P
   DWDM Wideband Optical Link
logo
OPLINK Communications I...
S0313-TRPV3GKERX000XXG OPLINK-S0313-TRPV3GKERX000XXG Datasheet
284Kb / 6P
   CWDM Optical Transceiver
logo
JDS Uniphase Corporatio...
MDX-02ADCB1AA JDSU-MDX-02ADCB1AA Datasheet
127Kb / 4P
   Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
JDS Uniphase Corporatio...
MDX-02ADCU1AA JDSU-MDX-02ADCU1AA Datasheet
195Kb / 4P
   Outside Plant CWDM Optical Drop Module
logo
Hamamatsu Corporation
L9534 HAMAMATSU-L9534 Datasheet
102Kb / 2P
   Red LED for optical link Red LED for 125 Mbps optical link
S7141-10 HAMAMATSU-S7141-10 Datasheet
71Kb / 2P
   Photo IC for optical link
L8045 HAMAMATSU-L8045 Datasheet
101Kb / 2P
   Red LED for optical link
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com