Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFA2024-EC-00 Datasheet(PDF) 4 Page - Emcore Corporation

Part # MAFA2024-EC-00
Description  Erbium Doped Fiber Micro Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA2024-EC-00 Datasheet(HTML) 4 Page - Emcore Corporation

  MAFA2024-EC-00 Datasheet HTML 1Page - Emcore Corporation MAFA2024-EC-00 Datasheet HTML 2Page - Emcore Corporation MAFA2024-EC-00 Datasheet HTML 3Page - Emcore Corporation MAFA2024-EC-00 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DATASHEET | AUGUST 2012
FIBER OPTICS
| REV 2012.08
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Compliance and Reliability Information
FCC:
Subpart B. Part 15 class “A”: Unintentional Radiators
EN 55013: Sound and Television Broadcast receivers and associated equipment – Radio disturbance characteristics- limits
and methods of measurements – Electric Field Radiation Emissions (2001)
Fit Rate: 60% level of confidence 670 @ 25
C (14-23 dBm EDFA)
Fit Rate: 60% of level of confidence 962 @ 40
C (24-27 dBm EDFA)
Note: It has been determined that recent design changes with the DB25 connector make necessary the re-certification of the MAFA2000 for
Electromagnetic Compatibility (EMC) per EN 61000-4-3. Prior to this certification, it is possible that if the MAFA2000 is exposed to electromagnetic
interference (EMI) it may cause unintended changes in the behavior of the unit. In addition to possible improper operation, there are safety implications to
consider as well. It is recommended that users of this product do so for evaluation purposes only, and exercise caution. At a minimum, it is recommended
that a metallic shielded cable be used to connect to the DB25 connector to minimize risk. Other methods of reducing potential EMI such as testing unit far
away from electromagnetic radiators, and in a metallic enclosure (such as the PONA2100 series) is highly recommended. Users of this product do so at
their own risk.
Ordering Information
MAFA20
-
-
Example:
MAFA2017-SC-00: Standard 17 dBm gain block with SC/APC optical connectors
Note:
Only some models can be order with Gain Flattened options and/or Low NF options (-01, -02, and -03 suffixes).
Power Level
Connector Option
GF/NF Options
14 – 14 dBm
SC - SC/APC
00 - Standard
17 – 17 dBm
FC - FC/APC
01 – Standard with Gain Flattened Option
20 – 20 dBm
FC – FC/APC
01 – Standard with Gain Flattened Option
23 – 23 dBm
EC – E2000/APC Diamond
02 – Standard with Low NF Option
24 – 24 dBm
TC – SC/UPC
03 – Gain Flattened and Low NF Option
27 – 27 dBm
GC – FC/UPC
MAFA 2000 Series EDFA


Similar Part No. - MAFA2024-EC-00

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA2024-EC-00 EMCORE-MAFA2024-EC-00 Datasheet
395Kb / 4P
   Full Function Fiber Optic Amplifier Gain Block Ready for Integration
More results

Similar Description - MAFA2024-EC-00

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2100-PA EMCORE-MAFA-2100-PA Datasheet
383Kb / 3P
   Erbium Doped Fiber Micro PreAmplifier
MAFA-1000 EMCORE-MAFA-1000 Datasheet
533Kb / 5P
   MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com