Electronic Components Datasheet Search |
|
MAFA2017-SC-00 Datasheet(PDF) 1 Page - Emcore Corporation |
|
MAFA2017-SC-00 Datasheet(HTML) 1 Page - Emcore Corporation |
1 / 4 page DATASHEET | AUGUST 2012 FIBER OPTICS | REV 2012.08 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. Applications Microwave and RF Optical Fiber Distribution Systems EW Systems Free Space Optical Communications DWDM Networks Video and Data Transport Networks Laboratory Optical Sources High Performance Supertrunking Links High Power Distribtuion Networks Redundanct Ring Architectures FTTx Networks Features Full Function Fiber Optic Amplifier Gain Block Ready for Integration Low Noise Figure (Typ < 5 dB) Input Power Range io – 10 dBm to +12 dBm and +14 dBm to +27 dBm Output Power Standard RS-232 Communication (RS- 485 or I2C is optional) Standard and Optional Gain Flatness (1530 nm – 1562 nm) Low Electrical Power Consumption MAFA 2000 Series Erbium Doped Fiber Micro Amplifier EMCORE’s MAFA 2000 Series Erbium Doped Fiber Amplifier (EDFA) Gain Block Module is an ideal building block for OEM system integrators. The family of MAFA 2000 EDFA Gain Blocks is designed to meet the most demanding noise performance requirements of high performance networks, and performs all the functions required of an optical amplifier for system integration. MAFA2000 series EDFA Gain Blocks provide optical isolation on the input and output of the gain block for stable, low noise operation. The input and output optical signal power levels are detected for monitoring and control. The input optical signal is amplified with active gain control for a constant output power level or with active output power control for constant gain mode operation. The MAFA 2000 series EDFA Gain Blocks also provide monitors and associated alarms for all critical operating parameters. The optical output of the MAFA 2000 series EDFA Gain Blocks also provide monitors and associated alarms for all vital characteristics. The optical output of the MAFA 2000 series EDFA Gain Blocks can be split into multiple ports by an optional external splitter. MAFA 2000 Series EDFA |
Similar Part No. - MAFA2017-SC-00 |
|
Similar Description - MAFA2017-SC-00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |