Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7820R-200-LA-115 Datasheet(PDF) 3 Page - Emcore Corporation

Part # 7820R-200-LA-115
Description  Optical Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

7820R-200-LA-115 Datasheet(HTML) 3 Page - Emcore Corporation

  7820R-200-LA-115 Datasheet HTML 1Page - Emcore Corporation 7820R-200-LA-115 Datasheet HTML 2Page - Emcore Corporation 7820R-200-LA-115 Datasheet HTML 3Page - Emcore Corporation 7820R-200-LA-115 Datasheet HTML 4Page - Emcore Corporation 7820R-200-LA-115 Datasheet HTML 5Page - Emcore Corporation 7820R-200-LA-115 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATASHEET | MARCH 2012
FIBER OPTICS
| REV 2012.03
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
RF Characteristics (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Output Return Loss
RL
--
--
-16
dB
Equivalent Input Noise
5 – 85MHz Version
5 – 200MHz Version
EIN
--
0.75
1.0
0.9
1.30
pA/√Hz
Discrete Second-Order
(1,2)
DSO
--
-60
-50
dBc
Discrete Third Order
(1,2)
DTO
--
-70
-60
dBc
(1). Two laser test at 1310 nm/1550 nm. 40% OMI/tone (before combined). Distortion products measured at 40 and 85 MHz.
(2). 5 – 85MHz Version, Optical Input = -10dBm, OMI = 20% (after combined)
5 – 200MHz Version, Optical Input = -7dBm, OMI = 20% (after combined)
(3). Tilt is defined as the delta between 5 – 85MHz for 7820R-085 and 5 – 200MHz for 7820R-200.
Outline Drawing (dimensions are in inches & mm)
7820R Optical Receiver
5-200 MHz RFoG Return Path


Similar Part No. - 7820R-200-LA-115

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7820R-200-LA-115 EMCORE-7820R-200-LA-115 Datasheet
613Kb / 6P
   5-200 MHz RFoG Return Path
More results

Similar Description - 7820R-200-LA-115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
   Optical receiver modules
2000 Apr 12
logo
Emcore Corporation
7820C EMCORE-7820C Datasheet
567Kb / 6P
   CATV Optical Receiver
logo
NXP Semiconductors
BGY847BO PHILIPS-BGY847BO Datasheet
55Kb / 8P
   Optical receiver module
1998 Mar 13
logo
Emcore Corporation
7830W EMCORE-7830W Datasheet
504Kb / 4P
   CATV Optical Receiver
logo
NXP Semiconductors
BGE887BO PHILIPS-BGE887BO Datasheet
56Kb / 8P
   Optical receiver module
2001 Sep 27
BGE847BO PHILIPS-BGE847BO Datasheet
80Kb / 12P
   Optical receiver modules
2000 Apr 04
BGE883BO PHILIPS-BGE883BO Datasheet
51Kb / 8P
   Optical receiver module
2000 Apr 10
BGE67BO PHILIPS-BGE67BO Datasheet
79Kb / 6P
   Optical receiver module
1998 Aug 31
BGY67BO PHILIPS-BGY67BO Datasheet
51Kb / 8P
   Optical receiver module
2001 Sep 27
BGY887BO PHILIPS-BGY887BO Datasheet
57Kb / 8P
   Optical receiver module
1998 Mar 13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com