Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8010B-RS232 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 8010B-RS232
Description  System 8000 Fiber-Optic Interfacility Links
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

8010B-RS232 Datasheet(HTML) 1 Page - Emcore Corporation

  8010B-RS232 Datasheet HTML 1Page - Emcore Corporation 8010B-RS232 Datasheet HTML 2Page - Emcore Corporation 8010B-RS232 Datasheet HTML 3Page - Emcore Corporation 8010B-RS232 Datasheet HTML 4Page - Emcore Corporation 8010B-RS232 Datasheet HTML 5Page - Emcore Corporation 8010B-RS232 Datasheet HTML 6Page - Emcore Corporation 8010B-RS232 Datasheet HTML 7Page - Emcore Corporation 8010B-RS232 Datasheet HTML 8Page - Emcore Corporation 8010B-RS232 Datasheet HTML 9Page - Emcore Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
System 8000 Fiber-Optic Interfacility Links
Data Sheet, Rev. 0
March 6, 2003
Features
n
Single thread, 1:1, and 1:2 redundancy
n
EIRP monitoring capability
n
RS-232 or RS-485 serial interface
n
RS-232 or RS-422 data link
n
RFI/EMI immunity
n
CE approved
Applications
n
C-, extended C-, X-, and Ku-band earth stations
n
IF and L-band IFLs
n
Rain-fade site diversity
Description
The system 8000 fiber-optic interfacility links repre-
sent a comprehensive and simplified approach to
satellite earth station signal management and con-
trol. Essentially, the system is designed to bring
microwave technology into the 21st Century by con-
verting microwave signals into continuously variable
amplitude-modulated optical signals.
Consisting of a high-performance, highly flexible fam-
ily of fiber-optic transmitter and receiver plug-ins,
system 8000 allows both microwave and RF signals
to be transmitted over long distances through fiber-
optic cable, and thereby eliminates the need for
coaxial and waveguide interconnections. A fiber-
optic link between the control room and antenna site
allows for convenient remote monitoring and control
as well.
The system can be tailored for a wide range of trans-
mit/receive frequency bands and offers an extensive
selection of unique, site-specific interconnectivity
solutions for satellite earth stations, including:
n
Configurable 19 in. x 3u (5.25 in.) equipment chas-
sis that includes redundant power supplies; redun-
dancy switching options: single thread, 1:1, and
1:2; and selectable serial interfaces, RS-232 or
RS-485.
n
Economical 70 MHz/140 MHz links for uplink
antenna remoting, downconverter output distribu-
tion, and intersite connections for backup or
antenna diversity.
n
L-band links cover the 950 MHz—2050 MHz and
can be used for block downconverted C-, extended
C-, X-, or Ku-band signals, or for L-band Inmarsat
transmit and receive applications.
n
C-, extended C-, X-, and Ku-band uplink and
downlink systems carry the main transmit and
receive signals between the control room and the
antenna site.
Designed to interface directly with earth station equipment, the multifaceted System 8000 interfacility link offers a wide
variety of unique, site-specific interconnectivity solutions for satellite earth stations.


Similar Part No. - 8010B-RS232

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8010 FILTRAN-8010 Datasheet
200Kb / 1P
   T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
Sonardyne sound in dept...
8010 SONARDYNE-8010 Datasheet
116Kb / 2P
   RovNav 5 LBL Transceiver
logo
NTE Electronics
8010 NTE-8010 Datasheet
57Kb / 1P
   Radial Lead Thermal Cutoff
logo
Littelfuse
80100000005 LITTELFUSE-80100000005 Datasheet
929Kb / 2P
   800/801/802/803 Series Panel Mount Enclosed Fuse Holders
Revised: 12/16/19
More results

Similar Description - 8010B-RS232

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
logo
Glenair, Inc.
180_091 GLENAIR-180_091 Datasheet
363Kb / 2P
   Fiber Optic Connection System
180-122-S7 GLENAIR-180-122-S7 Datasheet
301Kb / 2P
   Fiber Optic Connection System
logo
Broadcom Corporation.
AFBR-2310Z BOARDCOM-AFBR-2310Z Datasheet
557Kb / 7P
   Fiber-Optic Receiver for Multi GHz Analog Links
logo
Glenair, Inc.
180-122XW06-11-16A GLENAIR-180-122XW06-11-16A Datasheet
272Kb / 2P
   Fiber Optic Connection System
180-122-H7 GLENAIR-180-122-H7 Datasheet
354Kb / 2P
   Fiber Optic Connection System
180-122XW05-11-16A GLENAIR-180-122XW05-11-16A Datasheet
270Kb / 2P
   Fiber Optic Connection System
180-122XWS7-11-16A GLENAIR-180-122XWS7-11-16A Datasheet
244Kb / 2P
   Fiber Optic Connection System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com