Electronic Components Datasheet Search |
|
2651A-023-115-M Datasheet(PDF) 2 Page - Emcore Corporation |
|
2651A-023-115-M Datasheet(HTML) 2 Page - Emcore Corporation |
2 / 6 page DATASHEET | FEBRUARY 2012 FIBER OPTICS | REV 2012.02 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. Absolute Maximum Ratings Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability. Parameter Symbol Min Max Unit Operating Temperature Range Top -40 85 °C Storage Temperature Range Tstg -40 85 °C Input Power Saturation PIN - 10 mW Reverse Voltage VR - 30 V Forward Current IF - 10 mA DC/Optical Characteristics Parameter Condition Min Typ Max Unit Wavelength - 1100 - 1600 nm Responsivity 1310 nm 1550 nm 0.85 0.95 0.90 0.98 - - A/W Dark Current 25 C 85 C - - - - 5 50 nA Capacitance - - 0.35 0.4 pF Optical Return Loss - - -40 dB Bias Voltage - 10 12 15 V Fiber Buffer - - 900 - m Fiber Core / Cladding - - 9/125 - m RF Characteristic Parameter Condition Min Typ Max Unit Frequency Range 1 2651A 2651E - - - - 1000 3000 MHz Frequency Response 1 2651A/E, peak-to-valley, < 1 GHz - - 1 dB Frequency Response 1 2651E up-tilt gain 2 2 - 4 dB DSO 1,3 2651A/E, 1310 nm, two tone test 2651E, 1310 nm, two tone test 4 - - - - -75 -65 dBc DTB 1,3 2651A/E, 1310 nm, two tone test 2651E, 1310 nm, two tone test 4 - - - - -85 -75 dBc 1. Characterized with resistive load of 75 . 2. 1 GHz to 3 GHz. 3. Each test laser has 40% OMI. Distortion products are measured at 81, 449, 600, 850. Optical Pin = 0 dBm. Vpd = 12V. 4. Additional test frequencies of 1500, 2000, and 2500 MHz 2651A/2651E Broadband Photodiode |
Similar Part No. - 2651A-023-115-M |
|
Similar Description - 2651A-023-115-M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |