Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2651A-020-100-B Datasheet(PDF) 1 Page - Emcore Corporation

Part # 2651A-020-100-B
Description  Broadband Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2651A-020-100-B Datasheet(HTML) 1 Page - Emcore Corporation

  2651A-020-100-B Datasheet HTML 1Page - Emcore Corporation 2651A-020-100-B Datasheet HTML 2Page - Emcore Corporation 2651A-020-100-B Datasheet HTML 3Page - Emcore Corporation 2651A-020-100-B Datasheet HTML 4Page - Emcore Corporation 2651A-020-100-B Datasheet HTML 5Page - Emcore Corporation 2651A-020-100-B Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET | FEBRUARY 2012
FIBER OPTICS
| REV 2012.02
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
Forward-Path and Return-Path
Broadband Video Transport
FTTx Receivers
EDFA and Network Monitors
Features
Low Cost Package
Low Capacitance, < 0.4 pF
Low Dark Current < 50 nA at +85
C
1 GHz Flat Response, + 0.5 dB
Extended Bandwidth Option
High Responsivity
- > 0.90 A/W at 1310 nm, typ.
- > 0.98 A/W at 1550 nm, typ.
RoHS Compliant
The 2651 provides the proven high performance of EMCORE’s photodiode
technology in a very practical, cost-effective package. The 2651A features high
linearity and low capacitance over a 1 GHz bandwidth. The extended bandwidth
2651E offers high linearity and low capacitance up to 3 GHz. These broadband
photodiodes are housed in a small, environmentally rugged coaxial package.
The 2651 broadband photodetector is designed to provide the performance and
flexibility needed to meet the expanding applications of two-way communications
networks. This photodiode is used today in forward-and return-path applications,
including AM-VSB CATV, QAM 64/256, PON, FTTC and FTTH receivers.
The 2651A and 2651E photodiodes are compliant with all criteria of the Restriction
of the Use of Hazardous Substances in Electrical and Electronic Equipment
(RoHS) guidelines 2002/95/EC
Performance Highlights
Min
Typ
Max
Units
Operating Case Temperature
-40
25
+85
C
Wavelength
1100
-
1600
nm
Responsivity, 1310 nm
1550 nm
-
-
0.90
0.98
-
-
A/W
Dark Current, 25
C
85
C
-
-
-
-
5
50
nA
Capacitance
-
0.35
0.4
pF
Bandwidth, 2651A
2651E
-
-
-
-
1000
3000
MHz
Gain Flatness, < 1 GHz
-
-
1.0
dBp-p
Gain Up-Tilt, 2651E, 1 GHz to 3 GHz
2
-
4
dB
DSO,
2651A/E, < 1 GHz
2651A/E, 1 GHz – 3 GHz
-
-
-
-
-75
-65
dBc
DTB, 2651A/E, < 1 GHz
2651E, 1 GHz – 3 GHz
-
-
-
-
-85
-75
dBc
Bias Voltage
10
12
15
V
2651A/2651E Broadband Photodiode


Similar Part No. - 2651A-020-100-B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2651A-020-100-B EMCORE-2651A-020-100-B Datasheet
528Kb / 6P
   Broadband Photodiode
2651A-020-100-B EMCORE-2651A-020-100-B Datasheet
348Kb / 6P
   2651A/2651E Broadband Photodiode
More results

Similar Description - 2651A-020-100-B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N Datasheet
528Kb / 6P
   Broadband Photodiode
2611A EMCORE-2611A Datasheet
874Kb / 4P
   Broadband Photodiode Module
2609B EMCORE-2609B Datasheet
938Kb / 4P
   Broadband Photodiode Module
logo
Agere Systems
2609C AGERE-2609C Datasheet
49Kb / 4P
   2609C Broadband Photodiode Module
2611A AGERE-2611A Datasheet
49Kb / 4P
   2611A Broadband Photodiode Module
2650A AGERE-2650A Datasheet
57Kb / 4P
   2650A/B Broadband Photodiode
logo
Emcore Corporation
2651AE EMCORE-2651AE Datasheet
348Kb / 6P
   2651A/2651E Broadband Photodiode
logo
Agere Systems
2609B AGERE-2609B Datasheet
49Kb / 4P
   2609B Broadband Photodiode Module
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
   Photodiode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com