Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM-510-060 Datasheet(PDF) 2 Page - SL Power Electronics

Part # BCM-510-060
Description  BCM NiCd WIDE RANGE BATTERY CHARGERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

BCM-510-060 Datasheet(HTML) 2 Page - SL Power Electronics

  BCM-510-060 Datasheet HTML 1Page - SL Power Electronics BCM-510-060 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2002 Ault Inc.
Configuration: In Case IEC320 with ground
Please specify the Safety Timer Code in your order.
Connector
Input Configuration
BCM NiCd
WIDE RANGE BATTER Y CHARGERS
IEC320
w/ground
C14
(F)
1 = 1.5 hours
2 = 3.0 hours
3 = 6.0 hours
4 = 9.0 hours
Safety Timer Codes (*from pg. 1)
Pinout Code
Center contact: positive
Description
Switchcraft 760 plug or equivalent
Suggested Mating
Switchcraft 712A jack or equivalent
Other Connectors are available by special order
Input
Voltage
100-250 VAC -10%, +6%
Line Frequency
47 - 63 Hz
Current
0.5 max at 120 VAC input
Protection
Internal primary current fuse
Inrush limiting
Short Circuit Protection
Electrical
Topology
Switching - DC battery charger
Dielectric Withstand
3,000 VAC, 4242 VDC primary- secondary
EMI
Complies with EMC Directives
CE
CE Compliant
MTBF
100,000 calculated hours
Protection
Output current limiting,
Short circuit protection
Safety Approvals
Agency Listings
CULus 60950; TUV EN60950
Environmental
Operating Temperature
0º – 50º C with no derating
Storage Temperature
-30º to +85º C
Relative Humidity
5% to 95% non-condensing
0-10,000 feet
Altitude
0-10,000 feet
Cooling
Convectional - non vented case
Mechanical
Case and Dimensions
LP6 - Desktop
4.22L x 2.60W x 1.51H (in)
107.2L x 66.04W x 38.35H (mm)
Case Material
Black 94V0 polycarbonate
Weight
8 ounces, 210 grams (excluding cord)
Cords and Connectors
6 ft., 2 conductor, 18 AWG, Ault #3
connector. Other connectors are also
available.


Similar Part No. - BCM-510-060

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BCM-5120 BOTHHAND-BCM-5120 Datasheet
149Kb / 1P
   EMC COMPONENTS COMMON-MODE CHOKE COILS FOR SIGNAL LINE
BCM-5121 BOTHHAND-BCM-5121 Datasheet
139Kb / 1P
   COMMON MODE CHOKE
BCM-5140 BOTHHAND-BCM-5140 Datasheet
163Kb / 1P
   EMC COMPONENTS COMMON-MODE CHOKE COILS FOR SIGNAL LINE
More results

Similar Description - BCM-510-060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
logo
SL Power Electronics
BVL061000003K SLPOWER-BVL061000003K Datasheet
86Kb / 2P
   WIDE RANGE LEAD ACID CHARGERS
logo
NXP Semiconductors
74LV4799 PHILIPS-74LV4799 Datasheet
162Kb / 18P
   Timer for NiCd and NiMH chargers
1998 Apr 20
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
   BATTERY CHARGERS
logo
NXP Semiconductors
TEA1104 PHILIPS-TEA1104 Datasheet
119Kb / 16P
   Cost effective battery monitor and fast charge IC for NiCd and NiMH chargers
1996 Feb 26
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
   Chemistry-Independent Battery Chargers
2002
MAX1647 MAXIM-MAX1647 Datasheet
161Kb / 24P
   Chemistry-Independent Battery Chargers
19-1158; Rev 0; 12/96
logo
Harris Corporation
RF-5855 HARRIS-RF-5855 Datasheet
309Kb / 2P
   AC/DC Battery Chargers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com