Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1612A-079-SC-20 Datasheet(PDF) 3 Page - Emcore Corporation

Part # 1612A-079-SC-20
Description  1310 nm DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1612A-079-SC-20 Datasheet(HTML) 3 Page - Emcore Corporation

  1612A-079-SC-20 Datasheet HTML 1Page - Emcore Corporation 1612A-079-SC-20 Datasheet HTML 2Page - Emcore Corporation 1612A-079-SC-20 Datasheet HTML 3Page - Emcore Corporation 1612A-079-SC-20 Datasheet HTML 4Page - Emcore Corporation 1612A-079-SC-20 Datasheet HTML 5Page - Emcore Corporation 1612A-079-SC-20 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATASHEET | JUNE 2012
FIBER OPTICS
| REV 2012.06
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
RF Characteristic
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Frequency Range
F
-
5
-
1002
MHz
Frequency Response
S21
IF = 60 mA, 5 MHz-1002 MHz
-
-
±0.75
dB
Carrier-to-Noise Ratio
CNR
-
51
-
-
dB
Comp. Second Order, 1612A
CSO
4, 6, 8 mW options
 10 mW options
55
57
-
-
-
-
dB
dB
Comp. Second Order, 1612B
CSO
-
60
-
-
dB
Composite Triple Beat, 1612A/B
CTB
-
65
-
-
dB
Relative Intensity Noise
RIN
-
-
<-155
-
dB/Hz
OMI = 3.2% for 110ch NTSC option
OMI = 3.7% for 79ch NTSC option
In order to prevent reflection-induced distortion, the laser must be connected to an optical cable having a return loss of at
least 55 dB for discrete reflections and 30 dB for distributed reflections.
Outline Drawing (dimensions are in inches & mm)
1612A/B 1310 nm DFB Laser Module


Similar Part No. - 1612A-079-SC-20

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-079-SC-20 EMCORE-1612A-079-SC-20 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
1612A-079-SC-20 EMCORE-1612A-079-SC-20 Datasheet
664Kb / 6P
   1612A/B 1310 nm DFB Laser Module
More results

Similar Description - 1612A-079-SC-20

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
1688 EMCORE-1688 Datasheet
753Kb / 5P
   1688 1310 nm DFB Laser Module
1615A EMCORE-1615A Datasheet
648Kb / 4P
   1615A 1310 nm DFB Laser Module
1612AB1 EMCORE-1612AB1 Datasheet
664Kb / 6P
   1612A/B 1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
   1310 nm DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
   Analog 1310 nm MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
logo
Emcore Corporation
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
   1310 nm GPON DFB Laser Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com