Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2808R-SFAP Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2808R-SFAP
Description  110 Channel CATV Optical Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2808R-SFAP Datasheet(HTML) 2 Page - Emcore Corporation

  2808R-SFAP Datasheet HTML 1Page - Emcore Corporation 2808R-SFAP Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
RF & Optical Characteristics
Parameter
Min
Typ
Max
Units
Optical Input Power
-8.0
0.0
+4.5
dBm
Operating Wavelength
1290
1310
1330
nm
Operating Wavelength
1530
1550
1571
nm
Bandwidth
40
-
860
MHz
Output RF Impedance
-
75
-
Ohms
RF Output Level
-
-
+28
dBmV
RF Output Return Loss
-
16
-
dB
Backreflection Tolerance
-
-
-50
dB
Required Fiber Bandwidth
2,000
-
-
MHz
Composite Second Order (CSO)
-
-63
-
dBc
Composite Triple Beat (CTB)
-
-66
-
dBc
Carrier-to-Noise Ratio
See Graph
dB
System performance specifications indicated for use with 9/125 µm singlemode fiber
.
Electrical Characteristics
Parameter
Min
Typ
Max
Units
Power Supply Voltage
-
120
240
VAC
Power Supply Frequency
50
60
-
Hz
Power Dissipation
-
8
-
Watts
Physical Characteristics
Parameter
Min
Typ
Max
Units
Weight
-
1.1
0.5
-
lbs
kg
Dimensions
-
8.45 x 2.95 x 1.12
215 x 75 x 29
-
in
mm
Environmental Characteristics
Parameter
Min
Typ
Max
Units
Operating Temperature Range
0
-
+50
OC
Storage Temperature Range
-20
-
+70
OC
Humidity (RH, non-condensing)
5
-
95
%
Model 2808
110 Channel CATV Optical Receiver
Carrier-to-Noise Performance


Similar Part No. - 2808R-SFAP

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2808R-SFAP EMCORE-2808R-SFAP Datasheet
184Kb / 2P
   2808 110 Channel CATV Optical Receiver
More results

Similar Description - 2808R-SFAP

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2808R-SFSP EMCORE-2808R-SFSP_13 Datasheet
184Kb / 2P
   2808 110 Channel CATV Optical Receiver
2808 EMCORE-2808_16 Datasheet
574Kb / 2P
   Channel CATV Optical Receiver
2809 EMCORE-2809_16 Datasheet
494Kb / 2P
   Channel LDS CATV Optical Receiver
7830W EMCORE-7830W Datasheet
504Kb / 4P
   CATV Optical Receiver
7820C EMCORE-7820C Datasheet
567Kb / 6P
   CATV Optical Receiver
2809 EMCORE-2809 Datasheet
321Kb / 2P
   77 Channel LDS CATV Optical Receiver
7820A EMCORE-7820A Datasheet
579Kb / 6P
   7820A CATV Optical Receiver
2809R-SFSP EMCORE-2809R-SFSP_13 Datasheet
221Kb / 2P
   2809 77 Channel LDS CATV Optical Receiver
7830W-FA-115 EMCORE-7830W-FA-115 Datasheet
504Kb / 4P
   3 GHz CATV Optical Receiver
2807 EMCORE-2807 Datasheet
378Kb / 2P
   Mini-Node CATV Optical Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com