Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1612A-110-SC-10 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 1612A-110-SC-10
Description  1310 nm DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1612A-110-SC-10 Datasheet(HTML) 1 Page - Emcore Corporation

  1612A-110-SC-10 Datasheet HTML 1Page - Emcore Corporation 1612A-110-SC-10 Datasheet HTML 2Page - Emcore Corporation 1612A-110-SC-10 Datasheet HTML 3Page - Emcore Corporation 1612A-110-SC-10 Datasheet HTML 4Page - Emcore Corporation 1612A-110-SC-10 Datasheet HTML 5Page - Emcore Corporation 1612A-110-SC-10 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET | JUNE 2012
FIBER OPTICS
| REV 2012.06
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
1310 nm Forward Path/Return Path
Broadcast and Narrowcast Networks
Long Distances
High Optical Splits
Features
OC-48 Pinout Compatible
Telecordia TechnologiesTM 468
Compliant
Up to 110 Channel Count
Up to 31 mW
Wide Temperature Range – Stable even
in Harsh Environments
The 1612A/B 1310 nm forward path DFB laser modules are designed
for both broadcast and narrowcast analog applications. The highly
linear, OC-48 pinout compatible devices feature options up to 31 mW of minimum
optical output power with superior distortion performance over an enhanced
temperature range of -40
C to +85C.
Performance Highlights
Min
Typical
Max
Units
Wavelength
1300
-
1320
nm
Optical Output Power (multiple versions)
4-31
-
-
mW
Temperature Range
-40
-
+85
C
Frequency Range
5
-
1002
MHz
Carrier to Noise Ratio
51
-
-
dB
Composite Second Order (multiple versions)
55-60
-
-
dB
Composite Triple Beat
65
-
-
dB
1612A/B 1310 nm DFB Laser Module


Similar Part No. - 1612A-110-SC-10

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-110-SC-10 EMCORE-1612A-110-SC-10 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
More results

Similar Description - 1612A-110-SC-10

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
1688 EMCORE-1688 Datasheet
753Kb / 5P
   1688 1310 nm DFB Laser Module
1615A EMCORE-1615A Datasheet
648Kb / 4P
   1615A 1310 nm DFB Laser Module
1612AB1 EMCORE-1612AB1 Datasheet
664Kb / 6P
   1612A/B 1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
   1310 nm DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
   Analog 1310 nm MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
logo
Emcore Corporation
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
   1310 nm GPON DFB Laser Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com