Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2802P-R-SA Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2802P-R-SA
Description  10 Channel Singlemode CATV VSB/AM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2802P-R-SA Datasheet(HTML) 2 Page - Emcore Corporation

  2802P-R-SA Datasheet HTML 1Page - Emcore Corporation 2802P-R-SA Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
RF & Optical Characteristics
Parameter
Min
Typ
Max
Units
Transmitter Optical Output Power
+2.0
+3.0
+4.0
dBm
Receiver Optical Input Power
-9.0
-
+4.0
dBm
Optical Loss Range
0
-
12
dB
Operating Wavelength
1290
1310
1330
nm
Lower Bandwidth
-
-
5
MHz
Upper Bandwidth
350
400
-
MHz
RF Impedance
-
75
-
Ohms
0 dB Optical Loss
-
+24
-
dB
10 dB Optical Loss
-
+4
-
dB
Composite Triple Beat (CTB)
-
-63
-57
dBc
Composite Second Order (CSO)
-
-70
-65
dBc
Carrier-to-Noise Ratio
See Graph
dB
System performance specifications indicated for use with 9/125 µm singlemode fiber.
Electrical Characteristics
Parameter
Min
Typ
Max
Units
Power Supply Voltage
+9
VDC
Transmitter Power Supply Current
-
205
260
mA
Receiver Power Supply Current
-
95
150
mA
Physical Characteristics
Parameter
Min
Typ
Max
Units
Weight (Stand-Alone Tx/Rx)
-
6
170
-
oz.
g
Dimensions (Stand-Alone Tx/Rx)
-
5.75 x 2.95 x 1.143
146 x 75 x 29
-
in
mm
Environmental Characteristics
Parameter
Min
Typ
Max
Units
Operating Temperature Range
+10
-
+40
OC
Storage Temperature Range
-20
-
+70
OC
Relative Humidity
0
-
95
%
Model 2802 PRO
10 Channel Singlemode CATV VSB/AM
Carrier-to-Noise Performance:


Similar Part No. - 2802P-R-SA

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2802P-R-SA EMCORE-2802P-R-SA Datasheet
121Kb / 2P
   CATV Transmitter
2802P-R-SA EMCORE-2802P-R-SA Datasheet
179Kb / 2P
   2802 PRO 10 Channel Singlemode CATV VSB/AM Video Link
More results

Similar Description - 2802P-R-SA

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2802P-T-1310-FA EMCORE-2802P-T-1310-FA_13 Datasheet
179Kb / 2P
   2802 PRO 10 Channel Singlemode CATV VSB/AM Video Link
2801P-T-1310-ST EMCORE-2801P-T-1310-ST_12 Datasheet
235Kb / 2P
   Multimode CATV VSB/AM
2802 EMCORE-2802_16 Datasheet
88Kb / 2P
   CATV VSB/AM Video Link
2801 EMCORE-2801_16 Datasheet
154Kb / 2P
   CATV VSB/AM Video Link
2801P-T-1310-ST EMCORE-2801P-T-1310-ST_13 Datasheet
159Kb / 2P
   2801 PRO 5 Channel Multimode CATV VSB/AM Video Link
logo
Hynix Semiconductor
GDC21D003 HYNIX-GDC21D003 Datasheet
1Mb / 77P
   VSB Receiver
logo
CML Microcircuits
FX214 CMLMICRO-FX214 Datasheet
7Mb / 10P
   VSB Audio Scrambler
FX204 CMLMICRO-FX204 Datasheet
451Kb / 10P
   VSB Frequency Inverter
logo
Texas Instruments
TVP9900 TI-TVP9900 Datasheet
906Kb / 65P
[Old version datasheet]   VSB/QAM Receiver
logo
TriQuint Semiconductor
855079 TRIQUINT-855079 Datasheet
28Kb / 1P
   44 MHz VSB Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com