Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1751A-19-BB-FC-08 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 1751A-19-BB-FC-08
Description  1550 nm DWDM DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1751A-19-BB-FC-08 Datasheet(HTML) 1 Page - Emcore Corporation

  1751A-19-BB-FC-08 Datasheet HTML 1Page - Emcore Corporation 1751A-19-BB-FC-08 Datasheet HTML 2Page - Emcore Corporation 1751A-19-BB-FC-08 Datasheet HTML 3Page - Emcore Corporation 1751A-19-BB-FC-08 Datasheet HTML 4Page - Emcore Corporation 1751A-19-BB-FC-08 Datasheet HTML 5Page - Emcore Corporation 1751A-19-BB-FC-08 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET | JUNE 2012
FIBER OPTICS
| REV 2012.06
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
Node Capability
Narrow Transmitter Housing
Neworks with Limited Fiber
Architectures Using Separate Optical
Wavelengths to Carry Targeted Services
Features
Standard ITU Grid Wavelengths
Advanced Analog Chip Design
Reduces Equipment Requirements in
the Hub
Telecordia TechnologiesTM 468
Compliant
Wide Temperature Range – Stable Even
in Harsh Environments
The 1751 laser module is a Dense Wavelength-Division Multiplexing (DWDM)
laser for analog applications. It features a distributed feedback chip that has been
designed specifically for Radio Frequency (RF) applications. The 1751 laser
module has a wide temperature range for reliable performance in harsh node
environments and narrow transmitter designs. It also features low adiabatic chirp
to maximize signal quality in short and long lengths of fiber. The laser’s excellent
inherent linearity minimizes degradation of the broadcast signals caused by
quadrature amplitude modulated (QAM) channels. The versatile 1751 laser
module reduces cable network architecture fiber needs and lessens equipment
reqirements in the hub.
The 1751 is available in a wide range of standard ITU wavelengths. The lasers
are offered as either forward-path (40 MHz- 860 MHz) or return-path (5 MHz-210
MHz) modules.
Performance Highlights
Parameters
Min
Typical
Max
Units
Available wavelengths (ITU Grid)
1527.99
-
1562.23
nm
Optical Output Power (multiple versions)
6-10
-
-
mW
Temperature Case Temperature Range
-40
-
+85
C
Frequency Range:
Return Path
Forward Path
5
40
-
-
210
860
MHz
MHz
Composite Second Order
50
-
-
dBc
Composite Triple Beat
60
-
-
dBc
Adiabatic Chirp (measured at 500 MHz)
40
-
100
MHz/mA
1751A 1550 nm DWDM DFB Laser Module


Similar Part No. - 1751A-19-BB-FC-08

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
More results

Similar Description - 1751A-19-BB-FC-08

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
1764-C-BAND EMCORE-1764-C-BAND Datasheet
755Kb / 6P
   1764 1550 nm C-Band DWDM DFB Laser Module
logo
List of Unclassifed Man...
DL-5100S ETC1-DL-5100S Datasheet
106Kb / 2P
   1550 nm DFB LASER DIODES
logo
Optoway Technology Inc
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com