Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1754C-18-RP-FC-10 Datasheet(PDF) 5 Page - Emcore Corporation

Part # 1754C-18-RP-FC-10
Description  C-Band DWDM DFB Laser Component
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1754C-18-RP-FC-10 Datasheet(HTML) 5 Page - Emcore Corporation

  1754C-18-RP-FC-10 Datasheet HTML 1Page - Emcore Corporation 1754C-18-RP-FC-10 Datasheet HTML 2Page - Emcore Corporation 1754C-18-RP-FC-10 Datasheet HTML 3Page - Emcore Corporation 1754C-18-RP-FC-10 Datasheet HTML 4Page - Emcore Corporation 1754C-18-RP-FC-10 Datasheet HTML 5Page - Emcore Corporation 1754C-18-RP-FC-10 Datasheet HTML 6Page - Emcore Corporation 1754C-18-RP-FC-10 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DATASHEET | JANUARY 2013
FIBER OPTICS
| REV 2013.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Outline Diagram (Dimensions are in inches and millimeters)
Fiber type: 0.9 mm O.D. jacketed single mode 9/125 mm (SMF-28)
Fiber length: 130 cm + 10 cm, measured as shown below
Nominal pin lead length: 0.2 inch (from external package wall)
130 + 10 cm
Conn
130 + 10 cm
Conn
1754C C-Band DWDM DFB Laser Component


Similar Part No. - 1754C-18-RP-FC-10

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1754C-18-RP-FC-10 EMCORE-1754C-18-RP-FC-10 Datasheet
715Kb / 7P
   1754C C-Band DWDM DFB Laser Module
1754C-18-RP-FC-10 EMCORE-1754C-18-RP-FC-10 Datasheet
764Kb / 7P
   Standard ITU Grid Wavelengths
More results

Similar Description - 1754C-18-RP-FC-10

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1754C EMCORE-1754C_13 Datasheet
715Kb / 7P
   1754C C-Band DWDM DFB Laser Module
1764-C-BAND EMCORE-1764-C-BAND Datasheet
755Kb / 6P
   1764 1550 nm C-Band DWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
Mitsubishi Electric Sem...
ML9XX22 MITSUBISHI-ML9XX22 Datasheet
120Kb / 3P
   2.5Gbps DWDM InGaAsP DFB-LASER DIODE
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
   1550 nm DWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
Emcore Corporation
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com