Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1754C-62-BB-SC-08 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 1754C-62-BB-SC-08
Description  C-Band DWDM DFB Laser Component
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1754C-62-BB-SC-08 Datasheet(HTML) 2 Page - Emcore Corporation

  1754C-62-BB-SC-08 Datasheet HTML 1Page - Emcore Corporation 1754C-62-BB-SC-08 Datasheet HTML 2Page - Emcore Corporation 1754C-62-BB-SC-08 Datasheet HTML 3Page - Emcore Corporation 1754C-62-BB-SC-08 Datasheet HTML 4Page - Emcore Corporation 1754C-62-BB-SC-08 Datasheet HTML 5Page - Emcore Corporation 1754C-62-BB-SC-08 Datasheet HTML 6Page - Emcore Corporation 1754C-62-BB-SC-08 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DATASHEET | JANUARY 2013
FIBER OPTICS
| REV 2013.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the
operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability.
Parameter
Symbol
Condition
Min
Max
Unit
Operating Temperature Range
Tc
Continuous
-40
+85
°C
Storage Temperature Range
TSTG
Continuous
-40
+85
°C
Average RF Input Power
-
60 seconds
-
62
dBmV
Laser Forward DC Current
-
Continuous
-
150
mA
Photodiode Reverse Voltage
VMPD
Continuous
-
10
V
Laser Reverse Voltage, DC
-
Continuous
-
1
V
ESD
-
HBM: R = 1500 Ohm,
C = 100pF
-500
500
V
TEC Current
ITEC
Continuous
-1.5
1.5
A
Electrical/Optical Characteristics
Laser Temperature (TL) = 25
oC, I
F=IOP, Beginning of Life (BOL)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating Case Temperature
TC
-
-40
25
+85
C
Optical Output Power
PO
6 mW version
8 mW version
10 mW version
16 mW version
6
8
10
16
-
-
-
-
7.9
9.9
15.9
19.9
mW
Threshold Current
ITH
25
C, BOL
-
-
20
mA
Slope Efficiency
.07
-
-
W/A
Operating Current
IOP
BOL
-
-
120
mA
Operating Voltage
VOP
25
C, BOL
-
-
2.5
V
Wavelength

ITU Grid
See page 3
nm
 Drift over TC Range
OP
If = 60 mA, T = TOP
-
-
40
pm
Laser Adiabatic Chirp
FM
IF = 60 mA, TOP = 25C
@ 500 MHz
40
-
100
MHz/mA
Optical Return Loss
ORL
-
40
-
-
dB
Sidemode Suppression Ratio
SMSR
30
-
-
dB
Optical Isolation
ISO
25
C
30
-
-
dB
Relative Intensity Noise
RIN
IF = ITH + 70 mA
-
-155
dB/Hz
Nominal Input Impedance
ZIN
-
22
25
27

MPD Responsivity
rPD
VRM = 5V
10
-
200
μA/mW
MPD Dark Current
ID
IOP = 0 mA
VRM = 5V, TOP = 25C
0.2
A
MPD Current Relative to Output Power
-
VRM = 5V, TOP = 25C
10
-
200
mA/W
Thermistor Resistance
RTH
TOP = 25 C
9.5
10
10.5
kΩ
Thermistor Temp. Coefficient
TCTH
TOP = 25 C
-
-4.4
-
%/
C
TEC Voltage
VTEC
-
-2.5
-
3.8
V
1754C C-Band DWDM DFB Laser Component


Similar Part No. - 1754C-62-BB-SC-08

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1754C-64-BB-FC-06 EMCORE-1754C-64-BB-FC-06 Datasheet
715Kb / 7P
   1754C C-Band DWDM DFB Laser Module
1754C-64-BB-FC-06 EMCORE-1754C-64-BB-FC-06 Datasheet
764Kb / 7P
   Standard ITU Grid Wavelengths
1754C-64-BB-FC-08 EMCORE-1754C-64-BB-FC-08 Datasheet
715Kb / 7P
   1754C C-Band DWDM DFB Laser Module
1754C-64-BB-FC-08 EMCORE-1754C-64-BB-FC-08 Datasheet
764Kb / 7P
   Standard ITU Grid Wavelengths
1754C-64-BB-FC-10 EMCORE-1754C-64-BB-FC-10 Datasheet
715Kb / 7P
   1754C C-Band DWDM DFB Laser Module
More results

Similar Description - 1754C-62-BB-SC-08

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1754C EMCORE-1754C_13 Datasheet
715Kb / 7P
   1754C C-Band DWDM DFB Laser Module
1764-C-BAND EMCORE-1764-C-BAND Datasheet
755Kb / 6P
   1764 1550 nm C-Band DWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
Mitsubishi Electric Sem...
ML9XX22 MITSUBISHI-ML9XX22 Datasheet
120Kb / 3P
   2.5Gbps DWDM InGaAsP DFB-LASER DIODE
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
   1550 nm DWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
Emcore Corporation
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com