Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0441119 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0441119
Description  Ground modular terminal block, Connection method: Screw connection, Cross section
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0441119 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0441119 Datasheet HTML 1Page - PHOENIX CONTACT 0441119 Datasheet HTML 2Page - PHOENIX CONTACT 0441119 Datasheet HTML 3Page - PHOENIX CONTACT 0441119 Datasheet HTML 4Page - PHOENIX CONTACT 0441119 Datasheet HTML 5Page - PHOENIX CONTACT 0441119 Datasheet HTML 6Page - PHOENIX CONTACT 0441119 Datasheet HTML 7Page - PHOENIX CONTACT 0441119 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/us/produkte/0441119
14.05.2012   Page 2 / 8
Ground modular terminal block - USLKG 2,5 N - 0441119
Technical data
Technical data
Rated surge voltage
8 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-2
Open side panel
nein
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Conductor cross section stranded, with ferrule without plastic
sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve max.
2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
max.
1.5 mm²
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
1 mm²
2 conductors with same cross section, stranded, TWIN ferrules
with plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules
with plastic sleeve, max.
1.5 mm²
2 conductors with same cross section, stranded, ferrules without
plastic sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, ferrules without
plastic sleeve, max.
1.5 mm²
Connection method
Screw connection
Stripping length
7 mm
Screw thread
M3
Tightening torque, min
0.6 Nm
Tightening torque max
0.8 Nm
Classifications
eclass
eClass 4.0
27141120
eClass 4.1
27141120
eClass 5.0
27141120


Similar Part No. - 0441119

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0441106 PHOENIX-0441106 Datasheet
64Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
More results

Similar Description - 0441119

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0441025 PHOENIX-0441025 Datasheet
69Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441083 PHOENIX-0441083 Datasheet
92Kb / 7P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441517 PHOENIX-0441517 Datasheet
64Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441041 PHOENIX-0441041 Datasheet
84Kb / 6P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0444019 PHOENIX-0444019 Datasheet
82Kb / 6P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441106 PHOENIX-0441106 Datasheet
64Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0443023 PHOENIX-0443023 Datasheet
90Kb / 8P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0444048 PHOENIX-0444048 Datasheet
68Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0446017 PHOENIX-0446017 Datasheet
60Kb / 4P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441012 PHOENIX-0441012 Datasheet
83Kb / 6P
   Ground modular terminal block, Connection method: Screw connection, Cross section
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com