Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0404046 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0404046
Description  Power terminal block, Connection method Screw connection, Load current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0404046 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0404046 Datasheet HTML 1Page - PHOENIX CONTACT 0404046 Datasheet HTML 2Page - PHOENIX CONTACT 0404046 Datasheet HTML 3Page - PHOENIX CONTACT 0404046 Datasheet HTML 4Page - PHOENIX CONTACT 0404046 Datasheet HTML 5Page - PHOENIX CONTACT 0404046 Datasheet HTML 6Page - PHOENIX CONTACT 0404046 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/0404046
14.05.2012   Page 1 / 7
Power terminal block - AK 35 - 0404046
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Power terminal block, Connection method Screw connection, Load current : 125 A, Cross section:
 2.5 mm² - 35 mm², Width: 14.3 mm, Color: silver
Product description
Power terminal block, Connection method Screw connection, Load current : 125 A, Cross section:  2.5 mm² - 35 mm², Width: 14.3 mm,
Color: silver
 
Key commercial data
Packing unit
1
Minimum order quantity
50
Catalog page
Page 499 (CL1-2011)
GTIN
Weight per piece (including packing)
0.0 GRM
Weight per Piece (excluding packing)
17.99 GRM
Country of origin
GERMANY
Technical data
General
Color
silver
Insulating material
PA
Inflammability class according to UL 94
V2
Dimensions
Length
27 mm
Width
14.3 mm
Technical data
Maximum load current
125 A (with 35 mm2 conductor cross section)
Connection in acc. with standard
IEC / EN
Nominal current IN
125 A
Connection data
Conductor cross section solid min.
2.5 mm²


Similar Part No. - 0404046

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0404017 PHOENIX-0404017 Datasheet
117Kb / 7P
   Power terminal block, Connection method Screw connection, Load current : 41 A, Cross section: 0.5 mm짼 - 6 mm짼, Width: 7 mm,
0404033 PHOENIX-0404033 Datasheet
113Kb / 7P
   Power terminal block, Connection method Screw connection, Load current : 76 A, Cross section: 1.5 mm짼 - 16 mm짼, Width: 9.8 mm,
More results

Similar Description - 0404046

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0423014 PHOENIX-0423014 Datasheet
114Kb / 7P
   Power terminal block, Connection method Screw connection, Load current
0424039 PHOENIX-0424039 Datasheet
109Kb / 7P
   Power terminal block, Connection method Screw connection, Load current
0421016 PHOENIX-0421016 Datasheet
118Kb / 7P
   Power terminal block, Connection method Screw connection, Load current
0424013 PHOENIX-0424013 Datasheet
110Kb / 7P
   Power terminal block, Connection method Screw connection, Load current
0421032 PHOENIX-0421032 Datasheet
117Kb / 7P
   Power terminal block, Connection method Screw connection, Load current
0424026 PHOENIX-0424026 Datasheet
109Kb / 7P
   Power terminal block, Connection method Screw connection, Load current
0449014 PHOENIX-0449014 Datasheet
63Kb / 4P
   Ground modular terminal block, Connection method: Screw connection, Load current
0421045 PHOENIX-0421045 Datasheet
123Kb / 6P
   Power terminal block, Connection method: Screw connection, Cross section
0441106 PHOENIX-0441106 Datasheet
64Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441119 PHOENIX-0441119 Datasheet
91Kb / 8P
   Ground modular terminal block, Connection method: Screw connection, Cross section
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com