Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0201469 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0201469
Description  Fixed bridge, Number of positions: 3, Color: silver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0201469 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0201469 Datasheet HTML 1Page - PHOENIX CONTACT 0201469 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0201469
14.05.2012   Page 2 / 2
© Phoenix Contact 2012 - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - 0201469

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
logo
PHOENIX CONTACT
0201401 PHOENIX-0201401 Datasheet
57Kb / 2P
   Insertion bridge - EB 2-36/UKH
0201414 PHOENIX-0201414 Datasheet
49Kb / 2P
   Insertion bridge - EB 3-36/UKH
12/09/2015
logo
SUYIN USA, INC.
020141MB SUYIN-USA-020141MB Datasheet
151Kb / 1P
   IEEE1394 HORIZONTAL R/A SMD TYPE
logo
PHOENIX CONTACT
0201456 PHOENIX-0201456 Datasheet
44Kb / 2P
   Fixed bridge - FB 2- 6-EX
More results

Similar Description - 0201469

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201472 PHOENIX-0201472 Datasheet
43Kb / 2P
   Fixed bridge, Number of positions: 100, Color: silver
0201650 PHOENIX-0201650 Datasheet
42Kb / 2P
   Fixed bridge, Number of positions: 100, Color: silver
0201524 PHOENIX-0201524 Datasheet
58Kb / 2P
   Fixed bridge, Number of positions: 100, Color: aluminum
3190124 PHOENIX-3190124 Datasheet
48Kb / 2P
   Connector housing, Number of positions: 1, Color: gray
3070322 PHOENIX-3070322 Datasheet
53Kb / 2P
   Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 3, color: orange
3213254 PHOENIX-3213254 Datasheet
49Kb / 2P
   Reducing bridge, pitch: 10 mm, length: 37.2 mm, width: 16.1 mm, number of positions: 2, color: red
2896283 PHOENIX-2896283 Datasheet
84Kb / 3P
   DIN rail connector, nominal current: 3 A, number of positions: 16, pitch: 2.54 mm, color: jet black
3070321 PHOENIX-3070321 Datasheet
53Kb / 2P
   Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 2, color: orange
3070323 PHOENIX-3070323 Datasheet
54Kb / 2P
   Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 4, color: orange
1714765 PHOENIX-1714765 Datasheet
64Kb / 2P
   PCB connector, number of positions: 32, pitch: 6.35 mm, color: light gray, contact surface: Tin
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com