Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS826765SIPT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS826765SIPT
Description  600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS826765SIPT Datasheet(HTML) 3 Page - Texas Instruments

  TPS826765SIPT Datasheet HTML 1Page - Texas Instruments TPS826765SIPT Datasheet HTML 2Page - Texas Instruments TPS826765SIPT Datasheet HTML 3Page - Texas Instruments TPS826765SIPT Datasheet HTML 4Page - Texas Instruments TPS826765SIPT Datasheet HTML 5Page - Texas Instruments TPS826765SIPT Datasheet HTML 6Page - Texas Instruments TPS826765SIPT Datasheet HTML 7Page - Texas Instruments TPS826765SIPT Datasheet HTML 8Page - Texas Instruments TPS826765SIPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674
TPS82675, TPS82676, TPS82677, TPS826711, TPS826745, TPS826765
www.ti.com
SLVSAI0F – OCTOBER 2010 – REVISED NOVEMBER 2012
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
Voltage at VIN(2)(3)
–0.3
6
V
VI
Voltage at VOUT(3)
–0.3
3.6
V
Voltage at EN, MODE (3)
–0.3
VIN + 0.3
V
Power dissipation
Internally limited
TA
Operating temperature range(4)
–40
85
°C
TINT (max)
Maximum internal operating temperature
125
°C
Tstg
Storage temperature range
–55
125
°C
Human body model
2
kV
ESD rating (5)
Charge device model
1
kV
Machine model
200
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Operation above 4.8V input voltage for extended periods may affect device reliability.
(3)
All voltage values are with respect to network ground terminal.
(4)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating temperature (TINT(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max)= TJ(max)–(θJA X PD(max)). To achieve optimum performance, it is
recommended to operate the device with a maximum internal temperature of 105°C.
(5)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
THERMAL INFORMATION
TPS8267xSIP
THERMAL METRIC(1)(2)
SIP
UNITS
8 PINS
θJA
Junction-to-ambient (top) thermal resistance
125
Junction-to-ambient (bottom) thermal resistance
70
θJCtop
Junction-to-case (top) thermal resistance
θJB
Junction-to-board thermal resistance
°C/W
ψJT
Junction-to-top characterization parameter
ψJB
Junction-to-board characterization parameter
θJCbot
Junction-to-case (bottom) thermal resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Thermal data have been measured using TI's 4-layer evaluation board.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Input voltage range
2.3
4.8(1)
V
IO
Output current range
TPS82671 to TPS826765
0
600
mA
TPS82670 to TPS82676
0
2.5
µF
TPS826711, TPS826765
Additional output capacitance (PFM/PWM operation)(2)
TPS82677, TPS82678
0
4
µF
Additional output capacitance (PWM operation)(2)
0
7
µF
TA
Ambient temperature
–40
+85
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
Operation above 4.8V input voltage for extended periods may affect device reliability.
(2)
In certain applications larger capacitor values can be tolerable, see output capacitor selection section for more details.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677
TPS826711 TPS826745 TPS826765


Similar Part No. - TPS826765SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS826765SIPT TI1-TPS826765SIPT Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS826765SIPT TI1-TPS826765SIPT Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Similar Description - TPS826765SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com