Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27528DSDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27528DSDR
Description  Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27528DSDR Datasheet(HTML) 4 Page - Texas Instruments

  UCC27528DSDR Datasheet HTML 1Page - Texas Instruments UCC27528DSDR Datasheet HTML 2Page - Texas Instruments UCC27528DSDR Datasheet HTML 3Page - Texas Instruments UCC27528DSDR Datasheet HTML 4Page - Texas Instruments UCC27528DSDR Datasheet HTML 5Page - Texas Instruments UCC27528DSDR Datasheet HTML 6Page - Texas Instruments UCC27528DSDR Datasheet HTML 7Page - Texas Instruments UCC27528DSDR Datasheet HTML 8Page - Texas Instruments UCC27528DSDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
UCC27527
UCC27528
SLUSBD0B – DECEMBER 2012 – REVISED JANUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
VDD = 12 V, TA = TJ = -40°C to 140°C, 1-µF capacitor from VDD to GND. Currents are positive into, negative out of the
specified terminal (unless otherwise noted,)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Bias Currents
VDD = 3.4 V,
INA=VDD,
55
125
225
Startup current,
INB=VDD
IDD(off)
(based on UCC27524 Input
μA
VDD = 3.4 V,
configuration)
INA=GND,
25
125
225
INB=GND
Under Voltage LockOut (UVLO)
TJ = 25°C
3.91
4.20
4.50
VON
Supply start threshold
TJ = -40°C to 140°C
3.75
4.20
4.65
V
Minimum operating voltage
VOFF
3.60
3.90
4.40
after supply start
VDD_H
Supply voltage hysteresis
0.20
0.30
0.50
Inputs (INA, INB, INA+, INA-, INB+, INB-), UCC2752X (D, DSD)
Output high for non-inverting input pins
VIN_H
Input signal high threshold
55
70
Output low for inverting input pins
Output low for non-inverting input pins
%VDD
VIN_L
Input signal low threshold
30
38
Output high for inverting input pins
VIN_HYS
Input hysteresis
17
Enable (ENA, ENB) UCC2752X (D, DSD)
VEN_H
Enable signal high threshold
Output enabled
1.7
1.9
2.1
VEN_L
Enable signal low threshold
Output disabled
0.95
1.10
1.25
V
VEN_HYS
Enable hysteresis
0.70
0.80
1.10
Outputs (OUTA, OUTB)
ISNK/SRC
Sink/source peak current(1)
CLOAD = 0.22 µF, FSW = 1 kHz
±5
A
VDD-VOH
High output voltage
IOUT = -10 mA
0.075
V
VOL
Low output voltage
IOUT = 10 mA
0.01
ROH
Output pull-up resistance(2)
IOUT = -10 mA
2.5
5
7.5
Ω
ROL
Output pull-down resistance
IOUT = 10 mA
0.15
0.5
1
Ω
Switching Time
tR
Rise time (3)
CLOAD = 1.8 nF, VDD = 10 V
7
tF
Fall time(3)
CLOAD = 1.8 nF, VDD = 10 V
6
Delay matching between 2
INA = INB, OUTA and OUTB at 50% transition
tM
1
4
channels
point, VDD = 10 V
Minimum input pulse width
ns
tPW
that changes the output
VDD = 10 V
15
state(3)
Input to output propagation
tD1, tD2
CLOAD = 1.8 nF, 7-V input pulse, VDD = 10 V
6
17
26
delay (3)
EN to output propagation
tD3, tD4
CLOAD = 1.8 nF, 7-V enable pulse, VDD = 10 V
6
13
23
delay (3)
(1)
Ensured by design.
(2)
ROH represents on-resistance of only the P-Channel MOSFET device in pull-up structure of UCC2752X output stage.
(3)
See timing diagrams in Figure 1, Figure 2, Figure 3 and Figure 4
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: UCC27527 UCC27528


Similar Part No. - UCC27528DSDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27528DSDR TI1-UCC27528DSDR Datasheet
2Mb / 35P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
More results

Similar Description - UCC27528DSDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27528-Q1 TI-UCC27528-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
UCC27527 TI1-UCC27527_15 Datasheet
2Mb / 35P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
UCC27523 TI1-UCC27523_13 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A TI1-UCC27524A Datasheet
1Mb / 36P
[Old version datasheet]   UCC27524A Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com