Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92641PWPT Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS92641PWPT
Description  Synchronous Buck Controllers for Precision Dimming LED Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92641PWPT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS92641PWPT Datasheet HTML 2Page - Texas Instruments TPS92641PWPT Datasheet HTML 3Page - Texas Instruments TPS92641PWPT Datasheet HTML 4Page - Texas Instruments TPS92641PWPT Datasheet HTML 5Page - Texas Instruments TPS92641PWPT Datasheet HTML 6Page - Texas Instruments TPS92641PWPT Datasheet HTML 7Page - Texas Instruments TPS92641PWPT Datasheet HTML 8Page - Texas Instruments TPS92641PWPT Datasheet HTML 9Page - Texas Instruments TPS92641PWPT Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
H.S.
Driver
VCC
SW
BOOT
End tON
SDIM
VOUT
RON
UDIM
CS
VIN
GND
OVP
SD
HG
SDRV
VREF
VOLTAGE
REFERENCES
370mV
1.276V
2.54V 3.03V
VCC BIAS
REGULATOR
VIN
VCC
VDD
VCC UVLO
THERMAL
SHUTDOWN
LOGIC
GATE DRIVE UVLO
VSW
Q
Q
R
S
DEAD TIME /
LEVEL SHIFT
VSW
tON
tOFF
LGATE Enable
DEAD
TIME
VCC
LG
TPS92640, TPS92641
VCC
+
-
3.05V
+
-
LEB TIMER
tON_Reset
tON_ Reset
TPS92641 ONLY
IADJ
COMP
L.S.
Driver
+
-
1.276V
PWM_DIM / UVLO
21µA
+
-
+
-
PWM_DIM
9R
R
2.54V
EA
FSW
+
-
VDD
1.276V
PWM
LOGIC
+
-
370mV
13ms FILTER
Shutdown
TPS92640
TPS92641
SNVS902 – NOVEMBER 2012
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS92640 TPS92641


Similar Part No. - TPS92641PWPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92641PWPT TI1-TPS92641PWPT Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92641PWPT TI1-TPS92641PWPT Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92641PWPT/NOPB TI1-TPS92641PWPT/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
More results

Similar Description - TPS92641PWPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92640 TI1-TPS92640_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640 TI1-TPS92640_15 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Anpec Electronics Corop...
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
   Dual Synchronous Buck PWM Controllers
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
   Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Maxim Integrated Produc...
MAX20050 MAXIM-MAX20050 Datasheet
654Kb / 23P
   2A Synchronous-Buck LED Drivers with Integrated MOSFETs
Rev 19; 7/21
logo
List of Unclassifed Man...
WS9822B ETC2-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
logo
Shenzhen Winsemi Microe...
WS9822B WINSEMI-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com