Electronic Components Datasheet Search |
|
TPS82676 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
TPS82676 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 27 page SIP-8 (TOP VIEW) SIP-8 (BOTTOMVIEW) A1 B1 C1 A2 B2 C2 GND MODE VOUT GND A3 C3 VIN EN A3 C3 A2 B2 C2 GND EN VIN GND C1 VOUT MODE A1 B1 TPS82670, TPS82671, TPS82672, TPS82673, TPS82674 TPS82675, TPS82676, TPS82677, TPS826711, TPS826745, TPS826765 www.ti.com SLVSAI0F – OCTOBER 2010 – REVISED NOVEMBER 2012 PIN ASSIGNMENTS PIN DESCRIPTIONS PIN I/O DESCRIPTION NAME NO. VOUT A1 O Power output pin. Apply output load between this pin and GND. VIN A2, A3 I The VIN pins supply current to the TPS8267x internal regulator. This is the enable pin of the device. Connect this pin to ground to force the converter into EN B2 I shutdown mode. Pull this pin to VI to enable the device. This pin must not be left floating and must be terminated. This is the mode selection pin of the device. This pin must not be left floating and must be terminated. MODE = LOW: The device is operating in regulated frequency pulse width modulation mode MODE B1 I (PWM) at high-load currents and in pulse frequency modulation mode (PFM) at light load currents. MODE = HIGH: Low-noise mode is enabled and regulated frequency PWM operation is forced. GND C1, C2, C3 – Ground pin. Copyright © 2010–2012, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677 TPS826711 TPS826745 TPS826765 |
Similar Part No. - TPS82676 |
|
Similar Description - TPS82676 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |