Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65090ARVNR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65090ARVNR
Description  Frontend PMU With Switchmode Charger for 2-3 Cells In Series
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65090ARVNR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65090ARVNR Datasheet HTML 7Page - Texas Instruments TPS65090ARVNR Datasheet HTML 8Page - Texas Instruments TPS65090ARVNR Datasheet HTML 9Page - Texas Instruments TPS65090ARVNR Datasheet HTML 10Page - Texas Instruments TPS65090ARVNR Datasheet HTML 11Page - Texas Instruments TPS65090ARVNR Datasheet HTML 12Page - Texas Instruments TPS65090ARVNR Datasheet HTML 13Page - Texas Instruments TPS65090ARVNR Datasheet HTML 14Page - Texas Instruments TPS65090ARVNR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
TPS65090A
www.ti.com
SLVSBO6 – JANUARY 2013
ELECTRICAL CHARACTERISTICS - LINEAR REGULATORS (continued)
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum load regulation
0.5
%
FB_L1 input impedance
1
M
Quiescent current into VSYS_L1 and VSYS_L2
DCDC1 and DCDC2 are enabled
35
μA
Overtemperature protection
140
°C
Overtemperature hysteresis
20
°C
LDO2
Output voltage
IOUTLDO2 = 1 mA
3.233
3.267
3.3
V
LDO2 current limit
TA = 25°C
30
50
120
mA
DCDC2 active (bypass switch turned on),
LDO2 maximum output current
120
mA
VSYS = 7.5 V
Maximum line regulation
0.5
%
Maximum load regulation
0.5
%
FB_L2 input impedance
1
M
Quiescent current into VSYS_L2 and VSYS_L1
DCDC1 and DCDC2 are enabled
35
μA
Overtemperature protection
140
°C
Overtemperature hysteresis
20
°C
2.8
ELECTRICAL CHARACTERISTICS - LOAD SWITCHES
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FET1
Overcurrent detect threshold
TA = 25°C
1000
1200
mA
Switch on resistance
120
m
Output auto discharge resistance
800
Ω
Maximum output voltage slew rate after turn on
0.1
0.5
1
V /
μs
Switch current limit - timeout
multiplier set to 1, WTFET1 = 00
200
250
μs
Switch current limit - timeout
multiplier set to 4, WTFET1 = 01
800
1000
μs
Switch current limit - timeout
multiplier set to 8, WTFET1 = 10
1600
2000
μs
Switch current limit - timeout
multiplier set to 16, WTFET1 = 11
3200
4000
μs
Leakage current into INFET1
FET1 disabled, VFET1 = 0 V
1
μA
FET2
Overcurrent detect threshold
TA = 25°C
200
240
mA
Switch on resistance
500
m
Output auto discharge resistance
300
Ω
Maximum output voltage slew rate after turn on
0.1
0.5
1
V /
μs
Switch current limit - timeout
multiplier set to 1, WTFET2 = 00
200
250
μs
Switch current limit - timeout
multiplier set to 4, WTFET2 = 01
800
1000
μs
Switch current limit - timeout
multiplier set to 8, WTFET2 = 10
1600
2000
μs
Switch current limit - timeout
multiplier set to 16, WTFET2 = 11
3200
4000
μs
Shutdown current into INFET2
FET2 disabled, VFET2 = 0 V
5
μA
Reverse leakage current
FET disabled, VFET2 > INFET2
10
μA
FET3
Overcurrent detect threshold
TA = 25°C
3000
3600
mA
Switch on resistance
45
m
Copyright © 2013, Texas Instruments Incorporated
DEVICE SPECIFICATION
11
Submit Documentation Feedback


Similar Part No. - TPS65090ARVNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65090ARVNR TI-TPS65090ARVNR Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090ARVNR TI1-TPS65090ARVNR Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
More results

Similar Description - TPS65090ARVNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65090RVNR TI-TPS65090RVNR Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090 TI1-TPS65090 Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
logo
Global Mixed-mode Techn...
G2206 GMT-G2206 Datasheet
117Kb / 1P
   63 Channels PMU and Li-ion Battery Charger for DSC
logo
Shenzhen Huazhimei Semi...
HM5082 HMSEMI-HM5082 Datasheet
1Mb / 9P
   3A Synchronous Buck 2 Cells Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
   3A Synchronous Buck 3 Cells Li-ion Charger
logo
Monolithic Power System...
MP2612 MPS-MP2612 Datasheet
588Kb / 20P
   2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
   Channels DC/DC PMU with Li-ion Battery Charger
logo
Seaward Electronics Inc...
SE9093 SEAWARD-SE9093 Datasheet
313Kb / 6P
   8-Pin PMU with Linear Charger and Synchronous Boost
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
   7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Active-Semi, Inc
ACT88325VA ACTIVE-SEMI-ACT88325VA Datasheet
3Mb / 39P
   Advanced PMU with 3 Bucks, 2 LDOs and Load Bypass Switch
Rev 1.0, 23-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com