Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65090A Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65090A
Description  Frontend PMU With Switchmode Charger for 2-3 Cells In Series
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65090A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65090A Datasheet HTML 3Page - Texas Instruments TPS65090A Datasheet HTML 4Page - Texas Instruments TPS65090A Datasheet HTML 5Page - Texas Instruments TPS65090A Datasheet HTML 6Page - Texas Instruments TPS65090A Datasheet HTML 7Page - Texas Instruments TPS65090A Datasheet HTML 8Page - Texas Instruments TPS65090A Datasheet HTML 9Page - Texas Instruments TPS65090A Datasheet HTML 10Page - Texas Instruments TPS65090A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
TPS65090A
www.ti.com
SLVSBO6 – JANUARY 2013
ELECTRICAL CHARACTERISTICS - POWER PATH CONTROL (continued)
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSUPP Supplement mode hysteresis to turn off battery
VSRN - VACN falling
20
mV
L_HYS
switch
IACRC
Reverse adapter current threshold
VACN - VACP rising
45
mV
VSLEE
SLEEP mode threshold
VAC – VSRN falling
20
90
150
mV
P
VSLEE
SLEEP mode hysteresis
VAC – VSRN rising
200
mV
P_HYS
2.5
ELECTRICAL CHARACTERISTICS - CHARGER
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHARGER - POWER
VSET = 00, default for T01 and T40
1.98
2.0
2.02
VSET = 01, default for T12
2.03
2.05
2.07
VFBC
Charger feedback voltage
V
VSET = 10, default for T34
2.055
2.075
2.095
VSET = 11, default for T23
2.08
2.1
2.12
Leakage current into FBC
0.1
μA
VSET = 00, ENRECG = 1
1.925
1.950
1.975
VSET = 01, ENRECG = 1
1.975
2.0
2.025
Charger feedback voltage for automatic charge
VFBCR
V
restart
VSET = 10, ENRECG = 1
2.0
2.025
2.05
VSET = 11, ENRECG = 1
2.025
2.05
2.075
ICHARG
Maximum charge current programming range
1000
4000
mA
E
(VSRP - VSRN) voltage to maximum charge
100
A / V
current gain
ISET = 000
0
%
ISET = 001
25
%
ISET = 010
37.5
%
ISET = 011, default for T12 and T34
50
%
battery temperature range
I2C programmable charge current
ISET = 100
62.5
%
ISET = 101
75
%
ISET = 110
87.5
%
ISET = 111, default for T23 battery
100
%
temperature range
VSRP - VSRN = 40 mV typical, TJ < 100 °C
38.5
40
42.5
Charge current sense regulation voltage
VSRP - VSRN = 20 mV typical, TJ < 100 °C
18.5
20
22.0
mV
VSRP - VSRN = 4 mV typical, TJ < 100 °C
2.3
4
5.9
minimum programmable charge current
100
mA
0.1 *
Precharge current
ICHARG
E
0.1 *
Termination current
ICHARG
E
Leakage current into SRN and SRP
VBAT < 12 V
45
μA
Switching frequency
1360
1600
1840
kHz
RDSON High side switch on resistance
25
m
Ω
Copyright © 2013, Texas Instruments Incorporated
DEVICE SPECIFICATION
7
Submit Documentation Feedback


Similar Part No. - TPS65090A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65090A TI-TPS65090A Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090A TI1-TPS65090A Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
TPS65090ARVNR TI-TPS65090ARVNR Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090ARVNR TI1-TPS65090ARVNR Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
TPS65090ARVNT TI-TPS65090ARVNT Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
More results

Similar Description - TPS65090A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65090RVNR TI-TPS65090RVNR Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090 TI1-TPS65090 Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
logo
Global Mixed-mode Techn...
G2206 GMT-G2206 Datasheet
117Kb / 1P
   63 Channels PMU and Li-ion Battery Charger for DSC
logo
Shenzhen Huazhimei Semi...
HM5082 HMSEMI-HM5082 Datasheet
1Mb / 9P
   3A Synchronous Buck 2 Cells Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
   3A Synchronous Buck 3 Cells Li-ion Charger
logo
Monolithic Power System...
MP2612 MPS-MP2612 Datasheet
588Kb / 20P
   2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
   Channels DC/DC PMU with Li-ion Battery Charger
logo
Seaward Electronics Inc...
SE9093 SEAWARD-SE9093 Datasheet
313Kb / 6P
   8-Pin PMU with Linear Charger and Synchronous Boost
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
   7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Active-Semi, Inc
ACT88325VA ACTIVE-SEMI-ACT88325VA Datasheet
3Mb / 39P
   Advanced PMU with 3 Bucks, 2 LDOs and Load Bypass Switch
Rev 1.0, 23-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com