Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62693YFDT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62693YFDT
Description  800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62693YFDT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62693YFDT Datasheet HTML 2Page - Texas Instruments TPS62693YFDT Datasheet HTML 3Page - Texas Instruments TPS62693YFDT Datasheet HTML 4Page - Texas Instruments TPS62693YFDT Datasheet HTML 5Page - Texas Instruments TPS62693YFDT Datasheet HTML 6Page - Texas Instruments TPS62693YFDT Datasheet HTML 7Page - Texas Instruments TPS62693YFDT Datasheet HTML 8Page - Texas Instruments TPS62693YFDT Datasheet HTML 9Page - Texas Instruments TPS62693YFDT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
VIN
SW
FB
MODE
EN
GND
L
V
IN
C
I
TPS62693
C
O
V
OUT
GateDriver
Anti
Shoot-Through
PowerSaveMode
SwitchingLogic
+
-
Frequency
Control
FB
R1
R2
SW
GND
Soft-Start
EN
VIN
CurrentLimit
Detect
Undervoltage
Lockout
BiasSupply
Bandgap
Thermal
Shutdown
NegativeInductor
CurrentDetect
VIN
MODE
V
= 0.8 V
REF
VREF
TPS62692, TPS62693
TPS62694, TPS62698
SLVSAZ1 – DECEMBER 2012
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
PARAMETER MEASUREMENT INFORMATION
List of components:
L = TOKO MDT2012CR1R0
CI = MURATA GRM155R60J225ME15 (2.2μF, 6.3V, 0402, X5R)
CO = 2 x MURATA GRM155R60J475ME97 (4.7μF, 6.3V, 0402, X5R)
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS62692 TPS62693 TPS62694 TPS62698


Similar Part No. - TPS62693YFDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62693YFDT TI1-TPS62693YFDT Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62693YFDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62650 TI1-TPS62650_11 Datasheet
847Kb / 38P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com