Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62730 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS62730
Description  Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62730 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62730_12 Datasheet HTML 1Page - Texas Instruments TPS62730_12 Datasheet HTML 2Page - Texas Instruments TPS62730_12 Datasheet HTML 3Page - Texas Instruments TPS62730_12 Datasheet HTML 4Page - Texas Instruments TPS62730_12 Datasheet HTML 5Page - Texas Instruments TPS62730_12 Datasheet HTML 6Page - Texas Instruments TPS62730_12 Datasheet HTML 7Page - Texas Instruments TPS62730_12 Datasheet HTML 8Page - Texas Instruments TPS62730_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ON/BYP
STAT
VOUT
TPS62732, TPS62733
TPS62730
SLVSAC3C – MAY 2011 – REVISED DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.0V, VOUT = 2.1V, ON/BYP = VIN, TA = –40°C to 85°C typical values are at TA = 25°C (unless otherwise noted), CIN =
2.2
μF, L = 2.2μH, COUT = 2.2μF, see parameter measurement information
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
STAT Status Output (Open Drain)
VTSTAT
Threshold level for STAT OUTPUT in % from VOUT
ON/BYP = high and regulator is ready, VIN
95
falling
%
ON/BYP = high and regulator is ready, VIN
98
rising(2)
VOL
Output Low Voltage
Current into STAT pin I = 500
μA, VIN = 2.3V
0.4
V
VOH
Output High Voltage
Open drain output, external pull up resistor
VIN
ILKG
Leakage into STAT pin
ON/BYP = GND, VIN = VOUT = 3V
0
50
nA
REGULATOR
tONmin
Minimum ON time
VIN = 3.0V, VOUT = 2.1V, IOUT = 0 mA
180
ns
tOFFmin
Minimum OFF time
VIN = 2.3V
50
ns
tStart
Regulator start up time from transition ON/BYP = high
VIN = 3.0V, VOUT = 3.0V
50
μs
to STAT = low
OUTPUT
VREF
Internal Reference Voltage
0.70
V
VIN = 3.0V
TA = 25°C
–1.5
0
1.5
%
VOUT Feedback Voltage Comparator Threshold
Accuracy
TA = –40°C to 85°C
–2.5
0
2.5
VVOUT
DC output voltage load regulation
IOUT = 1mA to 50mA VIN = 3.0V, VOUT = 2.1
-0.01
%/mA
V
DC output voltage line regulation
IOUT = 20 mA, 2.4V ≤ VIN ≤ 3.9V
0.01
%/V
ILK_SW
Leakage current into SW pin
VIN = VOUT = VSW = 3.0 V, ON/Byp= GND
0.0
100
nA
(3)
(2)
The STAT output comparator is enabled once the rising input voltage exceeds the minimum input voltage VIN min of 1.9V. In case of the
1.9V output voltage option, the STAT output is active once the rising input voltage VIN exceeds 1.9V.
(3)
The internal resistor divider network is disconnected from VOUT pin.
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO
VIN
3
PWR
VIN power supply pin. Connect this pin close to the VIN terminal of the input capacitor. A ceramic capacitor
of 2.2µF is required.
GND
4
PWR
GND supply pin. Connect this pin close to the GND terminal of the input and output capacitor.
ON/BYP
5
IN
This is the mode selection pin of the device. Pulling this pin to low forces the device into ultra low power
bypass mode. The output of the DC/DC converter is connected to VIN via an internal bypass switch.
Pulling this pin to high enables the DC/DC converter operation. This pin must be terminated and is
controlled by the system. In case of CC2540, connect this to the power down signal which is output on one
of the P1.x ports (see CC2540 user guide).
SW
2
OUT
This is the switch pin and is connected to the internal MOSFET switches. Connect the inductor to this
terminal.
VOUT
6
IN
Feedback Pin for the internal feedback divider network and regulation loop. The internal bypass switch is
connected between this pin and VIN. Connect this pin directly to the output capacitor with short trace.
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: TPS62732 TPS62733 TPS62730


Similar Part No. - TPS62730_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
More results

Similar Description - TPS62730_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
TPS62730 TI1-TPS62730 Datasheet
4Mb / 25P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless
MAY2011
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
logo
Maxim Integrated Produc...
MAX77271 MAXIM-MAX77271 Datasheet
3Mb / 20P
   Multimode PA Step-Down Converter with Linear Bypass Mode
19-6508; Rev 0; 12/12
logo
Texas Instruments
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com