Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62177 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62177
Description  28V, 0.5A Step-Down Converter with Sleep Mode
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62177 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62177 Datasheet HTML 4Page - Texas Instruments TPS62177 Datasheet HTML 5Page - Texas Instruments TPS62177 Datasheet HTML 6Page - Texas Instruments TPS62177 Datasheet HTML 7Page - Texas Instruments TPS62177 Datasheet HTML 8Page - Texas Instruments TPS62177 Datasheet HTML 9Page - Texas Instruments TPS62177 Datasheet HTML 10Page - Texas Instruments TPS62177 Datasheet HTML 11Page - Texas Instruments TPS62177 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TPS62175
VIN
EN
SLEEP
AGND
PGND
SW
VOS
PG
FB
NC
VIN
VOUT
10uH
COUT
CIN
R3
R1
R2
TPS62175, TPS62177
SLVSB35A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
PARAMETER MEASUREMENT INFORMATION
List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
IC
28V, 0.5A Step-Down Converter, WSON
TPS62175DQC, Texas Instruments
L1
10uH, (4 x 4 x 1.2) mm
LPS4012, Coilcraft
Cin
2.2µF, 50V, Ceramic, 0805, X5R
Standard
Cout
22µF, 6.3V, Ceramic, 0805, X5R
Standard
R1
depending on Vout
R2
depending on Vout
R3
100k
Ω, Chip, 0603, 1/16W, 1%
Standard
spacing
spacing
Figure 4. Measurement Setup
TYPICAL CHARACTERISTICS
Table of Graphs
DESCRIPTION
FIGURE
Efficiency
vs Output Current, vs Input Voltage
5 - 20
vs Output current (Load regulation)
21
Output voltage
vs Input Voltage (Line regulation)
22
vs Input Voltage
23
Switching Frequency
vs Output Current
24
Quiescent Current
vs Input Voltage
25, 26
Shutdown Current
vs Input Voltage
27
Power FET RDS(on)
vs Input Voltage (High-Side, Low-Side)
28, 29
Maximum Output Current
vs Input Voltage
30
Sleep Mode Transition
31, 32
Load Transient Response
33 - 38
Line Transient Response
39, 40
Startup
41 - 43
Waveforms
Output Discharge
44
Typical Operation (PWM Mode, Power Save Mode, Sleep
45 - 52
Mode, Short Circuit)
Triangular Load Sweep with Mode Transitions
53, 54
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS62175 TPS62177


Similar Part No. - TPS62177

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-V to17-V 0.5-A Step-Down Converters with DCS-Control
TPS62170-Q1 TI1-TPS62170-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   3-V to17-V 0.5-A Step-Down Converters with DCS-Control
TPS62170DSG TI1-TPS62170DSG Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62170DSG TI1-TPS62170DSG Datasheet
1Mb / 15P
[Old version datasheet]   TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
More results

Similar Description - TPS62177

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54332DDAR TI1-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
logo
Monolithic Power System...
MP1593 MPS-MP1593 Datasheet
299Kb / 11P
   3A, 28V, 385KHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com