Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61196 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61196
Description  6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61196 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61196 Datasheet HTML 2Page - Texas Instruments TPS61196 Datasheet HTML 3Page - Texas Instruments TPS61196 Datasheet HTML 4Page - Texas Instruments TPS61196 Datasheet HTML 5Page - Texas Instruments TPS61196 Datasheet HTML 6Page - Texas Instruments TPS61196 Datasheet HTML 7Page - Texas Instruments TPS61196 Datasheet HTML 8Page - Texas Instruments TPS61196 Datasheet HTML 9Page - Texas Instruments TPS61196 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
VIN
Driver
PWM6
EA
EA
FSW
ISET
EN
Current Sink
Current Sink
Current Sink
Current Sink
Current Sink
Current Sink
C4
R3
R4
PGND
IFB1
AGND
C1
R7
R9
OVP
Min IFB
Selection
VDD
6
PWM
Logic
Oscillator
and
Slope
Compensation
ISNS
GDRV
400mV
OC
Protection
OUT
FBP
R10
COMP
LDO
C3
C6
R8
VDD
EN
L1
IN
IFB2
IFB3
IFB4
IFB5
IFB6
R1
R2
UVLO
PWM2
PWM3
PWM4
PWM5
PWM1
FAULT
OVP
Protection
D1
R5
REF
EA
C7
C2
R6
C5
Protection Logic
R11
IFBV
3.0V
VDD
Iss
TPS61196
SLVSBG1C – OCTOBER 2012 – REVISED FEBRUARY 2013
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :TPS61196


Similar Part No. - TPS61196

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61196-Q1 TI1-TPS61196-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196-Q1 TI-TPS61196-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196-Q1 TI1-TPS61196-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196PWPRQ1 TI1-TPS61196PWPRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196PWPTQ1 TI1-TPS61196PWPTQ1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
More results

Similar Description - TPS61196

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61196-Q1 TI-TPS61196-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196-Q1 TI1-TPS61196-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
logo
Monolithic Power System...
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
   6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
logo
Maxim Integrated Produc...
MAX17105 MAXIM-MAX17105 Datasheet
993Kb / 26P
   8-String WLED Driver with Integrated Step-Up Regulator and SMBus/PWM Dimming Capability
Rev 2; 9/14
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Maxim Integrated Produc...
MAX17129 MAXIM-MAX17129 Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
MAX17129ETE MAXIM-MAX17129ETE Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Linear Technology
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com