Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54339DDAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54339DDAR
Description  4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54339DDAR Datasheet(HTML) 5 Page - Texas Instruments

  TPS54339DDAR Datasheet HTML 1Page - Texas Instruments TPS54339DDAR Datasheet HTML 2Page - Texas Instruments TPS54339DDAR Datasheet HTML 3Page - Texas Instruments TPS54339DDAR Datasheet HTML 4Page - Texas Instruments TPS54339DDAR Datasheet HTML 5Page - Texas Instruments TPS54339DDAR Datasheet HTML 6Page - Texas Instruments TPS54339DDAR Datasheet HTML 7Page - Texas Instruments TPS54339DDAR Datasheet HTML 8Page - Texas Instruments TPS54339DDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SW
VBST
EN
VFB
GND
VO
7
5
1
VIN
VIN
VREG5
EN
Logic
SW
PGND
Protection
Logic
Ref
SS
UVLO
UVLO
Softstart
SS
REF
TSD
Ref
VREG5
4
SS
2
VIN
Ceramic
Capacitor
6
SGND
PGND
8
3
OV
+25%
OV
SGND
PWM
Control Logic
1 Shot
VREG5
XCON
VREG5
OCP
TPS54339
www.ti.com
SLVSBT2 – JANUARY 2013
PIN FUNCTIONS (continued)
PIN
DESCRIPTION
NAME
NO.
5.5 V power supply output. A capacitor (typical 0.47 µF) should be connected to GND. VREG5 is not active
VREG5
6
when EN is low.
EN
7
Enable input control. EN is active high and must be pulled up to enable the device.
SS
8
Soft-start control. An external capacitor should be connected to GND.
Exposed
Thermal pad of the package. Must be soldered to achieve appropriate dissipation. Must be connected to
Back side
Thermal Pad
GND.
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54339


Similar Part No. - TPS54339DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54339EDDA TI-TPS54339EDDA Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339EDDAR TI-TPS54339EDDAR Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E_15 Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results

Similar Description - TPS54339DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com