Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54339DDA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54339DDA
Description  4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54339DDA Datasheet(HTML) 3 Page - Texas Instruments

  TPS54339DDA Datasheet HTML 1Page - Texas Instruments TPS54339DDA Datasheet HTML 2Page - Texas Instruments TPS54339DDA Datasheet HTML 3Page - Texas Instruments TPS54339DDA Datasheet HTML 4Page - Texas Instruments TPS54339DDA Datasheet HTML 5Page - Texas Instruments TPS54339DDA Datasheet HTML 6Page - Texas Instruments TPS54339DDA Datasheet HTML 7Page - Texas Instruments TPS54339DDA Datasheet HTML 8Page - Texas Instruments TPS54339DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPS54339
www.ti.com
SLVSBT2 – JANUARY 2013
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range, (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply input voltage range
4.5
23
V
VBST
–0.1
29
VBST (10 ns transient)
–0.1
32
VBST(vs SW)
–0.1
5.7
SS
–0.1
5.7
VI
Input voltage range
EN
–0.1
23
V
VFB
–0.1
5.5
SW
–1.8
23
SW (10 ns transient)
–3
26
GND
–0.1
0.1
VO
Output voltage range
VREG5
–0.1
5.7
V
IO
Output Current range
IVREG5
0
10
mA
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
150
°C
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IVIN
Operating - non-switching supply current VIN current, TA = 25°C, EN = 5V, VFB = 0.8V
850
1200
μA
IVINSDN
Shutdown supply current
VIN current, TA = 25°C, EN = 0 V
3.0
10
μA
LOGIC THRESHOLD
VENH
EN high-level input voltage
EN
1.6
V
VENL
EN low-level input voltage
EN
0.6
V
REN
EN pin resistance to GND
VEN = 12 V
200
400
800
k
Ω
VFB VOLTAGE AND DISCHARGE RESISTANCE
TA = 25°C, VO = 1.05 V, continuous mode
VFBTH
VFB threshold voltage
749
765
781
mV
operation
IVFB
VFB input current
VFB = 0.8 V, TA = 25°C
0
±0.1
μA
VREG5 OUTPUT
TA = 25°C, 6.0 V < VIN < 23 V,
VVREG5
VREG5 output voltage
5.2
5.5
5.7
V
0 < IVREG5 < 5 mA
IVREG5
Output current
VIN = 6 V, VREG5 = 4.0 V, TA = 25°C
20
mA
MOSFET
RDS(on)h
High side switch resistance
25°C, VBST - SW = 5.5 V
(1)
140
m
RDS(on)l
Low side switch resistance
25°C(1)
70
m
CURRENT LIMIT
Iocl
Current limit
L out = 2.2
μH(1)
3.5
4.1
5.7
A
THERMAL SHUTDOWN
Shutdown temperature (1)
165
TSDN
Thermal shutdown threshold
°C
Hysteresis (1)
40
ON-TIME TIMER CONTROL
tON
On time
VIN = 12 V, VO = 1.05 V
160
ns
tOFF(MIN)
Minimum off time
TA = 25°C, VFB = 0.7 V
(1)
260
310
ns
(1)
Not production tested.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS54339


Similar Part No. - TPS54339DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54339EDDA TI-TPS54339EDDA Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339EDDAR TI-TPS54339EDDAR Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E_15 Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results

Similar Description - TPS54339DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com