Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54339 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54339
Description  4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54339 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54339 Datasheet HTML 5Page - Texas Instruments TPS54339 Datasheet HTML 6Page - Texas Instruments TPS54339 Datasheet HTML 7Page - Texas Instruments TPS54339 Datasheet HTML 8Page - Texas Instruments TPS54339 Datasheet HTML 9Page - Texas Instruments TPS54339 Datasheet HTML 10Page - Texas Instruments TPS54339 Datasheet HTML 11Page - Texas Instruments TPS54339 Datasheet HTML 12Page - Texas Instruments TPS54339 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
0.750
0.755
0.760
0.765
0.770
0.775
0.780
±50
0
50
100
150
T
J ± Junction Temperature (ƒC)
C009
I
OUT = 1 A
Vo (10 mV/div)
SW (5 V/div)
400 ns/div
Vo = 1.05 V
400
450
500
550
600
650
700
750
800
850
900
0
5
10
15
20
25
V
IN ± Input Voltage (V)
C007
V
O = 1.05 V
V
O = 1.2 V
V
O = 1.8 V
V
O = 3.3 V
V
O = 5 V
0
100
200
300
400
500
600
700
800
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
OUT ± Output Current (A)
C008
V
O = 1.05 V
V
O = 1.8 V
V
O = 3.3 V
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
OUT ± Output Current (A)
C006
V
O = 1.8 V
V
O = 3.3 V
V
O = 5 V
EN (10 V/div)
VREG5 (5 V/div)
400 us/div
Vout (0.5 V/div)
TPS54339
www.ti.com
SLVSBT2 – JANUARY 2013
TYPICAL CHARACTERISTICS
VIN = 12 V, TA = 25°C (unless otherwise noted).
Figure 7. START-UP WAVE FORM
Figure 8. EFFICIENCY vs OUTPUT CURRENT
Figure 9. SWITCHING FREQUENCY vs
Figure 10. SWITCHING FREQUENCY vs OUTPUT CURRENT
INPUT VOLTAGE (IO = 1 A)
Figure 11. VFB VOLTAGE vs JUNCTION
Figure 12. VOLTAGE RIPPLE AT OUTPUT (IO = 3A)
TEMPERATURE (IO = 1 A)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS54339


Similar Part No. - TPS54339

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54339EDDA TI-TPS54339EDDA Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339EDDAR TI-TPS54339EDDAR Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E_15 Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results

Similar Description - TPS54339

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com