Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54239DDA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54239DDA
Description  4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54239DDA Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54239DDA Datasheet HTML 7Page - Texas Instruments TPS54239DDA Datasheet HTML 8Page - Texas Instruments TPS54239DDA Datasheet HTML 9Page - Texas Instruments TPS54239DDA Datasheet HTML 10Page - Texas Instruments TPS54239DDA Datasheet HTML 11Page - Texas Instruments TPS54239DDA Datasheet HTML 12Page - Texas Instruments TPS54239DDA Datasheet HTML 13Page - Texas Instruments TPS54239DDA Datasheet HTML 14Page - Texas Instruments TPS54239DDA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
F
=
P
OUT
OUT
1
2
L
x C
p
V
= 0.765 x
OUT
R1
1 +
R2
æ
ö÷
ç
÷
ç
÷÷
çè
ø
C1
L1
R2
22.1kΩ
R1
8.25kΩ
C5
0.47μF
EN
VFB
VREG5
SS
VIN
4.5 to 23V
10μF
C2
C3
10μF
0.1μF
7
5
6
8
VIN
VBST
SW
GND
2
1
3
4
VOUT
C6
8200pF
PwrPAD
2.2μH
1
C4
U1
TPS54239DDA
9
R3
10.0kΩ
C7 0.1μF
C8
22μF
VOUT
C9
22μF
VIN
1
Not Installed
EN
VOUT
1.05V 2A
C10
1
TPS54239
www.ti.com
SLVSBT0 – JANUARY 2013
DESIGN GUIDE
Step-By-Step Design Procedure
To begin the design process, the user must know a few application parameters:
Input voltage range
Output voltage
Output current
Output voltage ripple
Input voltage ripple
Figure 14. Shows the schematic diagram for this design example.
Output Voltage Resistors Selection
The output voltage is set with a resistor divider from the output node to the VFB pin. It is recommended to use
1% tolerance or better divider resistors. Start by using Equation 2 to calculate VOUT.
To improve efficiency at light loads consider using larger value resistors, high resistance is more susceptible to
noise, and the voltage errors from the VFB input current are more noticeable.
(2)
Output Filter Selection
The output filter used with the TPS54239 is an LC circuit. This LC filter has double pole at:
(3)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS54239


Similar Part No. - TPS54239DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54239E TI-TPS54239E Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54239EDDA TI-TPS54239EDDA Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54239EDDAR TI-TPS54239EDDAR Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54239E TI-TPS54239E_15 Datasheet
963Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter With Eco-mode?
TPS54239 TI-TPS54239_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter
More results

Similar Description - TPS54239DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54239 TI-TPS54239_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter
TPS54239E TI-TPS54239E Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54239E TI-TPS54239E_15 Datasheet
963Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter With Eco-mode?
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E_15 Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54228 TI1-TPS54228 Datasheet
372Kb / 19P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFT
TPS54227 TI1-TPS54227 Datasheet
329Kb / 19P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN SWIFT
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com