Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS23785BPWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23785BPWPR
Description  High-Power, High-Efficiency PoE PD and DC-to-DC Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23785BPWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS23785BPWPR Datasheet HTML 1Page - Texas Instruments TPS23785BPWPR Datasheet HTML 2Page - Texas Instruments TPS23785BPWPR Datasheet HTML 3Page - Texas Instruments TPS23785BPWPR Datasheet HTML 4Page - Texas Instruments TPS23785BPWPR Datasheet HTML 5Page - Texas Instruments TPS23785BPWPR Datasheet HTML 6Page - Texas Instruments TPS23785BPWPR Datasheet HTML 7Page - Texas Instruments TPS23785BPWPR Datasheet HTML 8Page - Texas Instruments TPS23785BPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
TPS23785B
SLUSB90A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
DESCRIPTION (CONT.)
The DC-to-DC controller features two complementary gate drivers with programmable dead time. This simplifies
design for highly-efficient flyback topologies utilizing secondary synchronous rectification. The second gate driver
may be disabled if desired for single MOSFET topologies. The controller also features internal softstart, bootstrap
startup source, current-mode compensation, and a 78% maximum duty cycle. A programmable and
synchronizable oscillator allows design optimization for efficiency and eases use of the controller to upgrade
existing power supply designs. Accurate programmable blanking, with a default period, simplifies the usual
current-sense filter design trade-offs.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PRODUCT INFORMATION (1)
POE UVLO
CONVERTER UVLO
DUTY CYCLE
ON / HYST.
ON / HYST.
PACKAGE
MARKING
(V)
(V)
TPS23785BPWP
0–78%
35 / 4.5
15 / 6.5
TSSOP-24 PowerPAD™
TPS23785B
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or consult your
TI salesperson.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Voltage with respect to VSS unless otherwise noted. Over recommended operating junction temperature range.
VALUE
UNIT
ARTN(2), COM(2), DEN, RTN(3), VDD, VDD1
–0.3 to 100
CLS(4)
-0.3 to 6.5
[APD, BLNK(4), CTL, DT(4), FRS(4), VB
(4)] to [ARTN,
–0.3 to 6.5
COM]
Input voltage range
[P1, P2(4)] to [ARTN,COM]
–0.3 to 6.5
V
CS to [ARTN,COM]
–0.3 to VB
[ARTN, COM] to RTN
–2 to 2
T2P(4), VC to [ARTN, COM]
–0.3 to 19
Voltage range
GATE(4), GAT2(4) to [ARTN, COM]
–0.3 to VC+0.3
RTN
Internally limited
Sinking current
T2P
20
mA
Sourcing current
VB
Internally limited
Average Sourcing or
GATE, GAT2
25
mARMS
sinking current
Human body model (HBM)
2
kV
ESD rating
Charged device model (CDM)
500
V
Machine model (MM)
50
ESD – system level (contact/air) at RJ-45(5)
8 / 15
kV
Operating junction temperature range, TJ
–40 to Internally limited
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
ARTN and COM tied to RTN.
(3)
IRTN = 0 for VRTN > 80V.
(4)
Do not apply voltage to these pins
(5)
ESD per EN61000-4-2. A power supply containing the TPS23785B was subjected to the highest test levels in the standard.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - TPS23785BPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
TPS2378DDA TI1-TPS2378DDA Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
TPS2378DDAR TI1-TPS2378DDAR Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
More results

Similar Description - TPS23785BPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23754 TI1-TPS23754_17 Datasheet
2Mb / 45P
[Old version datasheet]   High-Power/High-Efficiency PoE Interface and DC-DC Controller
TPS23754 TI-TPS23754_10 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23754 TI-TPS23754 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23757 TI-TPS23757 Datasheet
1Mb / 37P
[Old version datasheet]   High Efficiency PoE Interface and DC/DC Controller
logo
List of Unclassifed Man...
AS1138 ETC2-AS1138 Datasheet
1Mb / 30P
   30W PoE PD and DC-DC Controller
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
logo
Texas Instruments
TPS23730 TI1-TPS23730 Datasheet
1Mb / 53P
[Old version datasheet]   TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
logo
ON Semiconductor
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com