Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1209XD-2W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # A1209XD-2W
Description  Isolated 2W Dual Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

A1209XD-2W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  A1209XD-2W Datasheet HTML 1Page - Microdc power Technology Co., Ltd A1209XD-2W Datasheet HTML 2Page - Microdc power Technology Co., Ltd A1209XD-2W Datasheet HTML 3Page - Microdc power Technology Co., Ltd A1209XD-2W Datasheet HTML 4Page - Microdc power Technology Co., Ltd A1209XD-2W Datasheet HTML 5Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A
A
A
A
A
A
A
A-X
-X
-X
-X
-X
-X
-X
-X(S)D
(S)D
(S)D
(S)D
(S)D
(S)D
(S)D
(S)D----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
WSeries
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 5
Order code
Input
Output
Efficiency
Isolation
Capacitance
MTTF1
Voltage(VDC)
Current (mA)
Voltage
(VDC)
Current
(mA)
(%.Typ.)
Nominal
MAX
pF
KHrs
A0505XS-2W
5
500
±5
±200
80
24
1574
A0509XS-2W
5
494
±9
±111
81
28
663
A0512XS-2W
5
488
±12
±83
82
30
338
A0515XS-2W
5
476
±15
±67
84
33
187
A1205XS-2W
12
208
±5
±200
80
35
490
A1209XS-2W
12
201
±9
±111
83
55
343
A1212XS-2W
12
198
±12
±83
84
63
229
A1215XS-2W
12
198
±15
±67
84
66
148
A1505XS-2W
15
103
±5
±200
81
41
318
A1512XS-2W
15
98
±12
±111
85
75
249
A2412XS-2W
24
97
±12
±83
86
95
183
A2415XS-2W
24
97
±15
±67
86
104
127
A4805XS-2W
48
51
±5
±200
82
45
235
A4809XS-2W
48
51
±9
±111
82
74
195
A4812XS-2W
48
49
±12
±83
85
90
152
A4815XS-2W
48
49
±15
±67
85
112
112
A0505XD-2W
5
500
±5
±200
80
24
1574
A0509XD-2W
5
494
±9
±111
81
28
663
A0512XD-2W
5
488
±12
±83
82
30
338
A0515XD-2W
5
476
±15
±67
84
33
187
A1205XD-2W
12
208
±5
±200
80
35
490
A1209XD-2W
12
201
±9
±111
83
55
343
A1212XD-2W
12
198
±12
±83
84
63
229
A1215XD-2W
12
198
±15
±67
84
66
148
A1505XD-2W
15
103
±5
±200
81
41
318
A1512XD-2W
15
98
±12
±111
85
75
249
A2412XD-2W
24
97
±12
±83
86
95
183
A2415XD-2W
24
97
±15
±67
86
104
127
A4805XD-2W
48
51
±5
±200
82
45
235
A4809XD-2W
48
51
±9
±111
82
74
195
A4812XD-2W
48
49
±12
±83
85
90
152
A4815XD-2W
48
49
±15
±67
85
112
112
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
A
A
A
A
A
A
A
A
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
X
X
X
X
X
X
X
X
S
S
S
S
S
S
S
S
--------2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③Output Voltage
④Fixed Input
⑤SIP Package
⑥Rated Power
Isolated
Isolated
Isolated
Isolated 2
2
2
2W
W
W
W Dual
Dual
Dual
Dual Output
Output
Output
Output DC/DC
DC/DC
DC/DC
DC/DC Converters
Converters
Converters
Converters
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Footprint from 1.46cm
2
I/O isolation voltage 1000VDC
Operating Temperature: -40℃~﹢85℃
High efficiency up to 86%
Fully encapsulated toroidal magnetics
Internal SMD construction
Power density up to 1.44W/cm
3
No electrolytic or tantalum capacitors
5V,9V,12V and 15V output
No heatsink required
Dual output from a single input rail
UL 94V-0 package material
No external components required
Industry standard pinout
Power sharing on output
MTTF up to 1.5 million hours
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
MICRODC reserves the copyright
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
The
The
The
The A
A
A
A-X(
-X(
-X(
-X(S
S
S
S)D-2W
)D-2W
)D-2W
)D-2W series
series
series
series of
of
of
of industrial
industrial
industrial
industrial temperature
temperature
temperature
temperature range
range
range
range
DC/DC
DC/DC
DC/DC
DC/DC converters
converters
converters
converters are
are
are
are the
the
the
the standard
standard
standard
standard building
building
building
building blocks
blocks
blocks
blocks for
for
for
for
on-board
on-board
on-board
on-board distributed
distributed
distributed
distributed power
power
power
power systems.They
systems.They
systems.They
systems.They are
are
are
are ideally
ideally
ideally
ideally
suited
suited
suited
suited for
for
for
for providing
providing
providing
providing dual
dual
dual
dual rail
rail
rail
rail supplies
supplies
supplies
supplies on
on
on
on primarily
primarily
primarily
primarily digital
digital
digital
digital
boards
boards
boards
boards with
with
with
with the
the
the
the added
added
added
added benefit
benefit
benefit
benefit of
of
of
of galvanic
galvanic
galvanic
galvanic isolation
isolation
isolation
isolation to
to
to
to
reduce
reduce
reduce
reduce switching
switching
switching
switching noise.All
noise.All
noise.All
noise.All of
of
of
of the
the
the
the rated
rated
rated
rated power
power
power
power may
may
may
may be
be
be
be
drawn
drawn
drawn
drawn from
from
from
from a
a
a
a single
single
single
single pin
pin
pin
pin provided
provided
provided
provided the
the
the
the total
total
total
total load
load
load
load does
does
does
does not
not
not
not
exceed
exceed
exceed
exceed 2
2
2
2 Watt.
Watt.
Watt.
Watt. Pin
Pin
Pin
Pin compatibility
compatibility
compatibility
compatibility with
with
with
with the
the
the
the A
A
A
A-X(
-X(
-X(
-X(S
S
S
S)D
)D
)D
)D 1
1
1
1 watt
watt
watt
watt
series
series
series
series ensures
ensures
ensures
ensures minimal
minimal
minimal
minimal effort
effort
effort
effort in
in
in
in upgrading
upgrading
upgrading
upgrading distributed
distributed
distributed
distributed
power
power
power
power systems.
systems.
systems.
systems.
Absolute
Absolute
Absolute
Absolute
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum
Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings
Ratings
Ratings
Ratings
Ratings
Parameter
Conditions
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
300mW
Input voltage V , A05 types
7V
Input voltage Vin, A12 types
15V
Input voltage Vin, A15 types
18V
Input voltage Vin, A24 types
28V
Input voltage Vin, A48 types
54V


Similar Part No. - A1209XD-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1209XD-1W MORNSUN-A1209XD-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - A1209XD-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
   ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NTH0505MC MURATA-NTH0505MC Datasheet
232Kb / 6P
   Isolated 2W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
   6kVDC Isolated 2W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com