Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB04-700T Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BTB04-700T
Description  SENSITIVE GATE TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BTB04-700T Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BTB04-700T Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BTB04-700T Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BTB04-700T Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BTB04-700T Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BTB04-700T Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BTA04 T/D/S/A
BTB04 T/D/S/A
SENSITIVE GATE TRIACS
s
Very low IGT = 10mA max
s
Low IH = 15mA max
s
BTA Family:
Insulating voltage = 2500V(RMS)
(UL recognized: E81734)
FEATURES
The BTA/BTB04 T/D/S/A triac family are high per-
formance glass passivated PNPN devices.
These parts are suitables for general purpose ap-
plications where gate high sensitivity is required.
Application on 4Q such as phase control and static
switching.
DESCRIPTION
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (360° conduction angle)
BTA
Tc = 90°C
4
A
BTB
Tc = 95°C
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25°C)
tp = 8.3ms
42
A
tp = 10ms
40
I
2tI2t value
tp = 10ms
8
A
2s
dI/dt
Critical rate of rise of on-state current
Gate supply: IG = 50mA
dIG/dt = 0.1A/µs
Repetitive
F = 50Hz
10
A/µs
Non repetitive
50
Tstg
Tj
Storage and operating junction temperature range
-40 to +150
-40 to +110
°C
Tl
Maximum lead soldering temperature during 10s at 4.5mm from case
260
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
BTA / BTB04-
Unit
400 T/D/S/A
600 T/D/S/A
700 T/D/S/A
VDRM
VRRM
Repetitive peak off-state voltage Tj = 110°C
400
600
700
V
http://www.luguang.cn
Email:lge@luguang.cn
Dimensions in inches and (millimeters)
TO-220AB


Similar Part No. - BTB04-700T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB04-700T STMICROELECTRONICS-BTB04-700T Datasheet
438Kb / 6P
   SENSITIVE GATE TRIACS
More results

Similar Description - BTB04-700T

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com