Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS521 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BAS521
Description  High voltage switching diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BAS521 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BAS521 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BAS521 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BAS521 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BAS521 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp = 300 µs; δ = 0.02.
THERMAL CHARACTERISTICS
Notes
1. Soldering point of the cathode tab.
2. Refer to SOD523 (SC-79) standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VBR
breakdown voltage
IR = 100 µA
300
340
V
VF
forward voltage
IF = 100 mA; note 1
0.95
1.1
V
IR
reverse current
VR = 250 V
30
150
nA
VR = 250 V; Ta = 150 °C
40
100
µA
trr
reverse recovery time
when switched from IF = 30 mA to
IR = 30 mA; RL = 100 Ω; measured at
IR =3mA
16
50
ns
Cd
diode capacitance
VR = 0 V; f = 1 MHz
0.4
5
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to solder point
note 1
120
K/W
Rth j-a
thermal resistance from junction to ambient
note 2
500
K/W
http://www.luguang.cn
Email:lge@luguang.cn
BAS521


Similar Part No. - BAS521

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS521 PHILIPS-BAS521 Datasheet
59Kb / 8P
   High voltage switching diode
2003 Aug 12
BAS521 NXP-BAS521 Datasheet
114Kb / 8P
   High voltage switching diode
2003 Aug 12
logo
Diodes Incorporated
BAS521 DIODES-BAS521 Datasheet
89Kb / 4P
   HIGH VOLTAGE SWITCHING DIODE
logo
Continental Device Indi...
BAS521 CDIL-BAS521 Datasheet
336Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
logo
Guangdong Kexin Industr...
BAS521 KEXIN-BAS521 Datasheet
768Kb / 3P
   Switching Diodes
More results

Similar Description - BAS521

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
logo
SHENZHEN YONGERJIA INDU...
1SS245 WINNERJOIN-1SS245_15 Datasheet
129Kb / 3P
   High-voltage switching diode
logo
Leshan Radio Company
LBAS21HT1G LRC-LBAS21HT1G_15 Datasheet
606Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
LBAS20HT1G LRC-LBAS20HT1G_15 Datasheet
295Kb / 3P
   High Voltage Switching Diode
logo
ON Semiconductor
NSD350H ONSEMI-NSD350H Datasheet
59Kb / 4P
   High Voltage Switching Diode
April, 2015 ??Rev. 0
logo
Diodes Incorporated
BAV5004LP DIODES-BAV5004LP_15 Datasheet
92Kb / 4P
   HIGH VOLTAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMXD3004SR CENTRAL-CMXD3004SR Datasheet
764Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
   High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
SEMTECH ELECTRONICS LTD...
BAS521WT SEMTECH_ELEC-BAS521WT Datasheet
235Kb / 3P
   High Voltage Switching Diode
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
   High voltage switching diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com