Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7662CB Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-AD7662CB
Description  Evaluation Board AD766X/AD767X
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7662CB Datasheet(HTML) 1 Page - Analog Devices

  EVAL-AD7662CB Datasheet HTML 1Page - Analog Devices EVAL-AD7662CB Datasheet HTML 2Page - Analog Devices EVAL-AD7662CB Datasheet HTML 3Page - Analog Devices EVAL-AD7662CB Datasheet HTML 4Page - Analog Devices EVAL-AD7662CB Datasheet HTML 5Page - Analog Devices EVAL-AD7662CB Datasheet HTML 6Page - Analog Devices EVAL-AD7662CB Datasheet HTML 7Page - Analog Devices EVAL-AD7662CB Datasheet HTML 8Page - Analog Devices EVAL-AD7662CB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
REV. PrK
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
=
EVAL-AD766XCB/AD767XCB
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 200
1
Preliminary Technical Data
PRELIMINARY TECHNICAL D ATA
Evaluation Board AD766X/AD767X
FEATURES
Versatile Analog Signal Conditioning Circuitry
On-Board Reference, Crystal Oscillator and Buffers
16-Bit Parallel Buffered Outputs
Ideal For DSP and Data Acquisition Card Interfaces
Analog and Digital Prototyping Area
EVAL-CONTROL BOARD Compatibility
PC Software for Control and Data Analysis
GENERAL DESCRIPTION
The EVAL-AD766XCB/AD767XCB is an evaluation board
for the AD766X/AD767X 16-bit A/D converter family. The
AD766X/AD767X family ( see ordering guide for product list )
is a high speed, successive approximation based architecture
with very high performance, low power family of 16-Bit ADCs
which operate from a single +5V supply with a 100kSPS to
1MSPS throughput rate range, and a flexible parallel or serial
interface. The AD766X/AD767X evaluation board is designed
to demonstrate the ADC's performance and to provide an easy
to understand interface for a variety of system applications. A
full description of the AD766X/AD767X is available in the
Analog Devices AD766X/AD767X data sheets and should be
consulted when utilizing this evaluation board.
FUNCTIONAL BLOCK DIAGRAM
The EVAL-AD766XCB/AD767XCB is ideal for use with
either the Analog Devices EVAL-CONTROL BOARD, or as a
stand-alone evaluation board. The design offers the flexibility
of applying external control signals and is capable of generating
16-bit conversion results on a parallel buffered outputs.
On-board components include an AD780, a +2.5V ultrahigh
precision bandgap reference, a signal conditioning circuit
with two op-amps and digital logic. The board interfaces with
a 96-way connector for the EVAL-CONTROL BOARD, a
20-pin IDC connector for serial output interface, and a 40-
pin IDC connector for parallel output data. SMB connectors
are provided for the low noise analog signal source, an exter-
nal master clock and an external start/convert input.
40
PIN
CONN
20
PIN
CONN
+/-12 V
+/-5 V
VL
96
PIN
CONN
+5 V
IN
SIGNAL
CONDITIONING
REF 2.5V
AD780
AD766x
or
AD767x
REF
DATA
CNVST
AUX_IN
IN
Clock
DIGITAL LOGIC
Configuration switches
MCLK
BUSY
CNVST
MCLK
ORDERING GUIDE
Evaluation board Model
Product
EVAL-AD7650CB
AD7650AST
EVAL-AD7660CB
AD7660AST
EVAL-AD7662CB
AD7662YST
EVAL-AD7663CB
AD7663AST
EVAL-AD7664CB
AD7664AST
EVAL-AD7665CB
AD7665AST
EVAL-AD7668CB
AD7668YST
EVAL-AD7671CB
AD7671AST
EVAL-AD7675CB
AD7675AST
EVAL-AD7676CB
AD7676AST
EVAL-AD7677CB
AD7677AST
EVAL-CONTROL BRD2
Controller Board


Similar Part No. - EVAL-AD7662CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7660CB AD-EVAL-AD7660CB Datasheet
218Kb / 20P
   16-Bit, 100 kSPS CMOS ADC
REV. 0
EVAL-AD7661CB AD-EVAL-AD7661CB Datasheet
485Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
EVAL-AD7663CB1 AD-EVAL-AD7663CB1 Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
EVAL-AD7664CB AD-EVAL-AD7664CB Datasheet
392Kb / 19P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
EVAL-AD7665CB AD-EVAL-AD7665CB Datasheet
348Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
More results

Similar Description - EVAL-AD7662CB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com