Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD18502KCS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18502KCS
Description  40-V, N-Channel NexFET Power MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18502KCS Datasheet(HTML) 2 Page - Texas Instruments

  CSD18502KCS Datasheet HTML 1Page - Texas Instruments CSD18502KCS Datasheet HTML 2Page - Texas Instruments CSD18502KCS Datasheet HTML 3Page - Texas Instruments CSD18502KCS Datasheet HTML 4Page - Texas Instruments CSD18502KCS Datasheet HTML 5Page - Texas Instruments CSD18502KCS Datasheet HTML 6Page - Texas Instruments CSD18502KCS Datasheet HTML 7Page - Texas Instruments CSD18502KCS Datasheet HTML 8Page - Texas Instruments CSD18502KCS Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CSD18502KCS
SLPS367A – AUGUST 2012 – REVISED OCTOBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, ID = 250μA
40
V
IDSS
Drain to Source Leakage Current
VGS = 0V, VDS = 32V
1
μA
IGSS
Gate to Source Leakage Current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = 250μA
1.5
1.8
2.1
V
VGS = 4.5V, ID = 100A
3.3
4.3
m
RDS(on)
Drain to Source On Resistance
VGS = 10V, ID = 100A
2.4
2.9
m
gfs
Transconductance
VDS = 20V, ID = 100A
138
S
Dynamic Characteristics
Ciss
Input Capacitance
3900
4680
pF
Coss
Output Capacitance
VGS = 0V, VDS = 20V, f = 1MHz
900
1080
pF
Crss
Reverse Transfer Capacitance
21
26
pF
RG
Series Gate Resistance
1.2
2.4
Qg
Gate Charge Total (4.5V)
25
30
nC
Qg
Gate Charge Total (10V)
52
62
nC
Qgd
Gate Charge Gate to Drain
VDS = 20V, ID = 100A
8.4
nC
Qgs
Gate Charge Gate to Source
10.3
nC
Qg(th)
Gate Charge at Vth
7.5
nC
Qoss
Output Charge
VDS = 20V, VGS = 0V
52
nC
td(on)
Turn On Delay Time
11
ns
tr
Rise Time
7.3
ns
VDS = 20V, VGS = 10V,
IDS = 100A, RG = 0Ω
td(off)
Turn Off Delay Time
33
ns
tf
Fall Time
9.3
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 100A, VGS = 0V
0.8
1
V
Qrr
Reverse Recovery Charge
105
nC
VDS= 20V, IF = 100A,
di/dt = 300A/
μs
trr
Reverse Recovery Time
48
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance Junction to Case
0.6
°C/W
RθJA
Thermal Resistance Junction to Ambient
62
°C/W
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CSD18502KCS


Similar Part No. - CSD18502KCS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CSD18502KCS ISC-CSD18502KCS Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - CSD18502KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
[Old version datasheet]   V N-Channel NexFET Power MOSFETs
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD19503KCS TI1-CSD19503KCS Datasheet
768Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com