Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ771602DPJR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771602DPJR
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ771602DPJR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ771602DPJR Datasheet HTML 7Page - Texas Instruments BQ771602DPJR Datasheet HTML 8Page - Texas Instruments BQ771602DPJR Datasheet HTML 9Page - Texas Instruments BQ771602DPJR Datasheet HTML 10Page - Texas Instruments BQ771602DPJR Datasheet HTML 11Page - Texas Instruments BQ771602DPJR Datasheet HTML 12Page - Texas Instruments BQ771602DPJR Datasheet HTML 13Page - Texas Instruments BQ771602DPJR Datasheet HTML 14Page - Texas Instruments BQ771602DPJR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
V(OUT)
V(VCELL)
OV Condition
≤ 170 ms
V(CD)
CD pin held low
bq771600, bq771601, bq771602
www.ti.com
SLUSAX0 – DECEMBER 2012
CUSTOMER TEST MODE
It is possible to reduce test time for checking the overvoltage function by simply shorting the external CD
capacitor to VSS. In this case, the OV delay would be reduced to the t(CHGDELAY) value, which has a maximum of
170 ms.
CAUTION
Avoid exceeding any Absolute Maximum Voltages on any pins when placing the part
into Customer Test Mode. Also avoid exceeding Absolute Maximum Voltages for the
individual cell voltages (V4–V3), (V3–V2), (V2–V1), and (V1–VSS). Stressing the pins
beyond the rated limits may cause permanent damage to the device.
Figure 13 shows the timing for the Customer Test Mode.
Figure 13. Timing for Customer Test Mode
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq771600 bq771601 bq771602


Similar Part No. - BQ771602DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771602DPJR TI1-BQ771602DPJR Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771602DPJR TI1-BQ771602DPJR Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
More results

Similar Description - BQ771602DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI-BQ2947 Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com