Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ51051BRHLT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ51051BRHLT
Description  High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ51051BRHLT Datasheet(HTML) 3 Page - Texas Instruments

  BQ51051BRHLT Datasheet HTML 1Page - Texas Instruments BQ51051BRHLT Datasheet HTML 2Page - Texas Instruments BQ51051BRHLT Datasheet HTML 3Page - Texas Instruments BQ51051BRHLT Datasheet HTML 4Page - Texas Instruments BQ51051BRHLT Datasheet HTML 5Page - Texas Instruments BQ51051BRHLT Datasheet HTML 6Page - Texas Instruments BQ51051BRHLT Datasheet HTML 7Page - Texas Instruments BQ51051BRHLT Datasheet HTML 8Page - Texas Instruments BQ51051BRHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
HOST
C4
C3
R4
D1
NTC
PACK +
PACK-
bq5105x
BAT
TERM
AD
AD-EN
CHG
EN2
C1
C2
CBOOT1
CBOOT2
AC1
AC2
COMM2
CLAMP2
CCOMM2
CCLAMP2
COIL
BOOT1
RECT
TS
BOOT2
CLAMP1
CCLAMP1
CCOMM1
COMM1
Bi-State
R5
Tri-State
USB or
AC Adapter
Input
C5
Wired
Charger
PGND
ILIM
RFOD
FOD
R1
ROS
bq51050B
bq51051B
www.ti.com
SLUSB42C – JULY 2012 – REVISED FEBRUARY 2013
THERMAL INFORMATION
YFP
RHL
THERMAL METRIC(1)
UNITS
28-PINS
20-PINS
θJA
Junction-to-ambient thermal resistance
58.9
37.7
θJCtop
Junction-to-case (top) thermal resistance
0.2
35.5
θJB
Junction-to-board thermal resistance
9.1
13.6
°C/W
ψJT
Junction-to-top characterization parameter
1.4
0.5
ψJB
Junction-to-board characterization parameter
8.9
13.5
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
2.7
space
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage range
RECT
4.0
10.0
V
IIN
Input current
RECT
1.5
A
IBAT
BAT(output) current
BAT
1.5
A
IAD-EN
Sink current
AD-EN
1
mA
ICOMM
COMM sink current
COMM
500
mA
TJ
Junction temperature
0
125
°C
TYPICAL APPLICATION SCHEMATIC
Figure 2. bq5105x Used as a Wireless Power Receiver and Li-Ion/Li-Pol Battery Charger
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq51050B bq51051B


Similar Part No. - BQ51051BRHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51051BRHLT TI1-BQ51051BRHLT Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver
More results

Similar Description - BQ51051BRHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51050B TI1-BQ51050B_14 Datasheet
2Mb / 35P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51050B TI1-BQ51050B_16 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver
BQ51003 TI1-BQ51003 Datasheet
2Mb / 34P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
BQ51010B TI1-BQ51010B Datasheet
1Mb / 33P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51013B TI-BQ51013B Datasheet
2Mb / 40P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
   QI Compliant Wireless Power Receiver
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
   Qi Compliant Wireless Power Receiver
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
   QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
   QI Compliant Wireless Power Receiver Module
logo
Semtech Corporation
TS51224 SEMTECH-TS51224 Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com