Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0685A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C0685A
Description  LO-CAP COMPUTER CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C0685A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C0685A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C0685A
Date:
3/26/2009
Revision Level:
1
8C 24 AWG 7/32 TC FMPP OAS PVC
LO-CAP COMPUTER CABLE
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
Braid
#24 AWG 7/32 Tinned Copper
0.016" Wall Foamed Polypropylene
0.032" Wall Polyvinyl Chloride
0.024" nom.
CAROL (R) 24 AWG -- C0685A -- 75C E111240-8 CM (UL) C (UL) CMH OR 80C 30V AWM
STYLE 2919 LOW VOLTAGE COMPUTER CABLE -- MADE IN USA (DATE CODE) (PRINTED
8 Conductors cabled LHL with aluminum/polyester
0.190" nom.
0.056" nom.
0.276" +/- 0.014"
(foil out) & #24 AWG 7/32 TC drain wire
Tinned Copper Braid
70% Nom. Coverage
0.212" nom.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
SHIELD RESISTANCE:
GROUND CAPACITANCE:
75C (CM); 80C (AWM)
300Vrms (CM) / 30 Vrms (AWM)
25.7 Ohms/1000 ft. nom. @ 20C
11.2 pF/ft. @ 1 kHz nom.
107 Ohms @ 1 MHz nom.
3.2 Ohms/1000 ft. nom. @ 20C
20.2 pF/ft. @ 1 kHz nom.
National Electrical Code
Article 800
UL Standard 444
Type CM (UL) c (UL) CMH
UL Subject 758
AWM Style 2919
1
2
3
4
5
6
7
8
Black
White
Red
Lt. Green
Brown
Lt. Blue
Orange
Yellow
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C0685A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0680A GENERAL-C0680A Datasheet
79Kb / 1P
   LO-CAP COMPUTER CABLE
C0681A GENERAL-C0681A Datasheet
74Kb / 1P
   LO-CAP COMPUTER CABLE
C0682A GENERAL-C0682A Datasheet
74Kb / 1P
   LO-CAP COMPUTER CABLE
C0683A GENERAL-C0683A Datasheet
74Kb / 1P
   LO-CAP COMPUTER CABLE
C0684A GENERAL-C0684A Datasheet
74Kb / 1P
   LO-CAP COMPUTER CABLE
More results

Similar Description - C0685A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0533A GENERAL-C0533A Datasheet
74Kb / 1P
   LO-CAP COMPUTER CABLE
C0681A GENERAL-C0681A Datasheet
74Kb / 1P
   LO-CAP COMPUTER CABLE
C0688A GENERAL-C0688A Datasheet
74Kb / 1P
   LO-CAP COMPUTER CABLE
C0532A GENERAL-C0532A Datasheet
74Kb / 1P
   LO-CAP COMPUTER CABLE
C0680A GENERAL-C0680A Datasheet
79Kb / 1P
   LO-CAP COMPUTER CABLE
C0683A GENERAL-C0683A Datasheet
74Kb / 1P
   LO-CAP COMPUTER CABLE
C0684A GENERAL-C0684A Datasheet
74Kb / 1P
   LO-CAP COMPUTER CABLE
C0537A GENERAL-C0537A Datasheet
74Kb / 1P
   LO-CAP COMPUTER CABLE
C0535A GENERAL-C0535A Datasheet
74Kb / 1P
   LO-CAP COMPUTER CABLE
C0682A GENERAL-C0682A Datasheet
74Kb / 1P
   LO-CAP COMPUTER CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com