Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0656A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C0656A
Description  COMMUNICATION CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C0656A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C0656A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DATA SHEET
Part Number:
C0656A
Revision Level:
00
Date:
June 20, 2005
8P 22 7/30 TC SR-PVC OAS PVC
COMMUNICATION CABLE
A.
CONSTRUCTION
DIAMETERS
1)
CONDUCTOR:
#22 AWG 7/30 Tinned Copper
0.030” nom.
2)
INSULATION:
0.010” Wall Semi Rigid Polyvinyl Chloride
0.050” nom.
3)
COLOR CODE:
1.
Black-Red
2.
Black-White
3.
Black-Green
4.
Black-Blue
5.
Black-Yellow
6.
Black-Orange
7.
Black-Brown
8.
Red-White
4)
TWIN
16 Conductors into 8 Pairs @ 2" LHL
0.100" nom.
5)
CABLE:
8 Pairs @ 4.00” LHL with aluminum/polypropylene (foil
out)
0.269” nom.
6)
BRAID
34 AWG Tinned Copper Braid
65% Nom. Coverage
0.304" nom.
7)
JACKET:
0.016” Wall Polyvinyl Chloride – Gray
0.368” +/- 0.018”
8)
PRINT LEGEND:
CAROL (R) 22 AWG - - C0656A - - 75C E111240-8 CMR(UL)C(UL) OR 80C
AWM STYLE 2464 300V --- CSA LL69381 CMG - - MADE IN USA (DATE
CODE- -PRINT EVERY 3 FEET)
B.
INDUSTRY APPROVALS
National Electrical Code
Article 800
UL Standard 444
Type CMR(UL)C(UL)
UL Standard 758
AWM Style 2464
CSA International
Type CMG
C.
ELECTRICAL PROPERTIES
1)
TEMPERATURE:
75 C
2)
SUGGESTED WORKING VOLTAGE (Vrms):
300Vrms
3)
CONDUCTOR D.C. RESISTANCE:
16.6 Ohms/1000 ft. nom. @ 20 C
4)
SHIELD RESISTANCE:
3.8 Ohms/1000 ft. nom. @ 20 C
5)
MUTUAL CAPACITANCE:
26.2 Pf/ft. @ 1kHz nom.
6)
GROUND CAPACITANCE:
47.2 Pf/ft. @ 1kHz nom.
7)
CHARACTERISTIC IMPEDANCE:
76 Ohms @ 1 MHz nom.
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C0656A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0650A GENERAL-C0650A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0651A GENERAL-C0651A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0652A GENERAL-C0652A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0653A GENERAL-C0653A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0654A GENERAL-C0654A Datasheet
81Kb / 1P
   COMMUNICATION CABLE
More results

Similar Description - C0656A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1642A GENERAL-C1642A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2425A GENERAL-C2425A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2426A GENERAL-C2426A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2427A GENERAL-C2427A Datasheet
74Kb / 1P
   COMMUNICATION CABLE
C2431A GENERAL-C2431A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2434A GENERAL-C2434A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2463A GENERAL-C2463A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2465A GENERAL-C2465A Datasheet
74Kb / 1P
   COMMUNICATION CABLE
C2467A GENERAL-C2467A Datasheet
74Kb / 1P
   COMMUNICATION CABLE
C2488A GENERAL-C2488A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
C2515A GENERAL-C2515A Datasheet
73Kb / 1P
   COMMUNICATION CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com