Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBDT-6000-1B Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # SBDT-6000-1B
Description  60 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

SBDT-6000-1B Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  SBDT-6000-1B Datasheet HTML 1Page - DIOTEC Electronics Corporation SBDT-6000-1B Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING & CHARACTERISTIC CURVES FOR SK6030C - SK6070C SERIES
Data Sheet No. SBDT-6000-2B
0
40
.1
60 AMP SCHOTTKY BARRIER RECTIFIERS
B12
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.0
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.0
10
100
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B


Similar Part No. - SBDT-6000-1B

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SBDT-1200-1B DEC-SBDT-1200-1B Datasheet
404Kb / 2P
   12 AMP SCHOTTKY BARRIER RECTIFIERS
SBDT-1200-2B DEC-SBDT-1200-2B Datasheet
404Kb / 2P
   12 AMP SCHOTTKY BARRIER RECTIFIERS
SBDT-1600-1B DEC-SBDT-1600-1B Datasheet
405Kb / 2P
   16 AMP SCHOTTKY BARRIER RECTIFIERS
SBDT-1600-2B DEC-SBDT-1600-2B Datasheet
405Kb / 2P
   16 AMP SCHOTTKY BARRIER RECTIFIERS
SBDT-2400-1B DEC-SBDT-2400-1B Datasheet
420Kb / 2P
   24 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SBDT-6000-1B

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SK6030C DEC-SK6030C Datasheet
453Kb / 2P
   60 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Digitron Semiconductors
SD51 DIGITRON-SD51 Datasheet
144Kb / 2P
   60 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SBR3060 SECOS-SBR3060 Datasheet
158Kb / 2P
   VOLTAGE 60 V 30.0 Amp Schottky Barrier Rectifiers
SBR3060R SECOS-SBR3060R_11 Datasheet
249Kb / 2P
   Voltage 60 V 30.0 Amp Schottky Barrier Rectifiers
MBR2060F SECOS-MBR2060F Datasheet
194Kb / 2P
   Voltage 60 V 20.0 Amp Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_12 Datasheet
251Kb / 2P
   Voltage 60 V 10.0 Amp Schottky Barrier Rectifiers
SBR4060 SECOS-SBR4060 Datasheet
169Kb / 2P
   VOLTAGE 60 V 40.0 Amp Schottky Barrier Rectifiers
MBR2060 SECOS-MBR2060 Datasheet
201Kb / 2P
   Voltage 60 V 20.0 Amp Schottky Barrier Rectifiers
logo
First Components Intern...
FBR6030 FCI-FBR6030 Datasheet
143Kb / 2P
   60 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
logo
SeCoS Halbleitertechnol...
SM160PT SECOS-SM160PT Datasheet
197Kb / 2P
   60 V 1 Amp Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com