Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS-213-3 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # MS-213-3
Description  Miniature Reed Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MS-213-3 Datasheet(HTML) 1 Page - DB Lectro Inc

  MS-213-3 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PIC GmbH
• Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax +49 911 99 59 06-99
info@pic-gmbh.com
• www.pic-gmbh.com
MS-213-3
Miniature Reed Sensor
ms2133_e
 PIC GmbH, Nürnberg (GERMANY)
Rev. 1.0 (003)
Page 1 of 1
Pb
Lead free
Electrical Characteristics
Contact form
A
Contact rating max.
W / VA
10
Switching current max.
A
0.7
Carry current max.
A
1.0
VDC
180
Switching voltage max.
VAC
130
Breakdown voltage min.
VDC
200
Contact resistance (initial) max.
m
100
Insulation resistance min.
109
Capacitance typ.
pF
0.5
Magnetical Characteristics
Pull in range available 1
AT
10-25
1 AT range stated for unmodified Reed Switch
Operating Characteristics
Operate time (incl. bounce) max.
ms
0.5
Release time max.
ms
0.3
Switching frequency max.
Hz
500
Resonant frequency typ.
Hz
5,000
Vibration (50-2000 Hz)
g
20
Shock (1/2 sin 11 ms)
g
50
Operating temperature
°C
-20 to +85
Dimensions
in mm
Ø 3.8 ±0.1
18.0 ±0.3
500
Wire: AWG 26, black, stripped and tinned
Ordering Information
Series
AT Range
MS-213-3
1 = 10-15 / 2 = 15-20 / 3 = 20-25
Ordering example: MS-213-3-2 describes MS-213-3 with 15-20 AT
Customized types available.


Similar Part No. - MS-213-3

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
MS-213-3 PIC-MS-213-3 Datasheet
22Kb / 1P
   Miniature Reed Sensor
MS-213-3-1 PIC-MS-213-3-1 Datasheet
22Kb / 1P
   Miniature Reed Sensor
MS-213-3-2 PIC-MS-213-3-2 Datasheet
22Kb / 1P
   Miniature Reed Sensor
MS-213-3-3 PIC-MS-213-3-3 Datasheet
22Kb / 1P
   Miniature Reed Sensor
MS-213-3 PIC-MS-213-3_14 Datasheet
325Kb / 2P
   Miniatur-Reedsensor
More results

Similar Description - MS-213-3

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
MS-213-3 PIC-MS-213-3 Datasheet
22Kb / 1P
   Miniature Reed Sensor
logo
DB Lectro Inc
MS-214-3 DBLECTRO-MS-214-3 Datasheet
47Kb / 1P
   Miniature Reed Sensor
logo
PIC GmbH
MS-214-3 PIC-MS-214-3 Datasheet
47Kb / 1P
   Miniature Reed Sensor
MS-213-3 PIC-MS-213-3_15 Datasheet
182Kb / 2P
   Miniature Reed Sensor
logo
Reed Relays and Electro...
MS-104-1 RRE-MS-104-1 Datasheet
105Kb / 2P
   Ultra-miniature Reed Sensor
MS-105-1 RRE-MS-105-1 Datasheet
99Kb / 2P
   Micro-miniature Reed Sensor
logo
DB Lectro Inc
MS-324-3 DBLECTRO-MS-324-3 Datasheet
31Kb / 2P
   Miniature Reed Sensor ??Flatpack
logo
Reed Relays and Electro...
MS-106-1 RRE-MS-106-1 Datasheet
100Kb / 2P
   Reduced-miniature Reed Sensor
logo
PIC GmbH
MS-324-3 PIC-MS-324-3 Datasheet
31Kb / 2P
   Miniature Reed Sensor - Flatpack
logo
Reed Relays and Electro...
R5-J-1 RRE-R5-J-1 Datasheet
100Kb / 2P
   Ultra-Miniature SMD Reed Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com