Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3USB3000RSER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3000RSER
Description  DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB3000RSER Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS3USB3000RSER Datasheet HTML 6Page - Texas Instruments TS3USB3000RSER Datasheet HTML 7Page - Texas Instruments TS3USB3000RSER Datasheet HTML 8Page - Texas Instruments TS3USB3000RSER Datasheet HTML 9Page - Texas Instruments TS3USB3000RSER Datasheet HTML 10Page - Texas Instruments TS3USB3000RSER Datasheet HTML 11Page - Texas Instruments TS3USB3000RSER Datasheet HTML 12Page - Texas Instruments TS3USB3000RSER Datasheet HTML 13Page - Texas Instruments TS3USB3000RSER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TS3USB3000
SCDS337 – DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 9. Eye Pattern and Time Interval Error Histogram: 3.0 Gbps With No Device
The TS3USB3000 contributes only 5.8ps of peak-to-peak jitter for 3.0 Gbps data rate.
Figure 10. Eye Pattern and Time Interval Error Histogram: 3.0 Gbps for MHL Switch
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TS3USB3000


Similar Part No. - TS3USB3000RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB3000RSER TI1-TS3USB3000RSER Datasheet
1Mb / 26P
[Old version datasheet]   DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
More results

Similar Description - TS3USB3000RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB3031 TI1-TS3USB3031 Datasheet
699Kb / 19P
[Old version datasheet]   DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
TS3USB3000 TI1-TS3USB3000_15 Datasheet
1Mb / 26P
[Old version datasheet]   DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
TS3USB3200 TI1-TS3USB3200 Datasheet
2Mb / 21P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
logo
Fairchild Semiconductor
FSA3200 FAIRCHILD-FSA3200 Datasheet
780Kb / 13P
   Two-Port, High-Speed USB2.0 Switch with Mobile High-Definition Link (MHL??
FSA3031 FAIRCHILD-FSA3031 Datasheet
1Mb / 3P
   Dual High-Speed USB2.0 with Mobile High-Definition Link (MHL??
logo
Silicon image
SII9222 SILICONIMAGE-SII9222 Datasheet
136Kb / 2P
   Mobile High-Definition Link (MHL) Technology Transmitter
logo
Will Semiconductor Ltd.
WAS7227Q WILLSEMI-WAS7227Q Datasheet
688Kb / 9P
   USB High speed (480Mbps), DPDT Analog Switch
WAS7222Q WILLSEMI-WAS7222Q Datasheet
682Kb / 9P
   USB High speed (480Mbps), DPDT Analog Switch
WAS4731Q WILLSEMI-WAS4731Q Datasheet
497Kb / 9P
   3:1 High speed (-3dB bandwidth 1.8GHz) Switch with Mobile High-Definition Link (MHL)
logo
Fairchild Semiconductor
FSA3230 FAIRCHILD-FSA3230 Datasheet
445Kb / 3P
   High-Speed USB2.0 / Mobile High- Definition Link (MHL?? with Negative Swing Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com